Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU801 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GBU801
Description  8A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBU801 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GBU801 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBU801 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBU801 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBU801 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D1409017
Version: J15
HC2
G
AEC-Q101 qualified
Green compound
GBU806HC2G
GBU806
D2
20 / Tube
X0
Forming
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
PACKING
CODE
PACKING CODE
SUFFIX (*)
PACKAGE
PACKING
H
C2
GGBU
20 / Tube
EXAMPLE
GBU80x
(Note 1)
Note 1: "x" defines voltage from 50V (GBU801) to 1000V (GBU807)
ORDERING INFORMATION
RATINGS AND CHARACTERISTICS CURVES
PREFERRED P/N
GBU801 - GBU807
Taiwan Semiconductor
PART NO.
SUFFIX
0
2
4
6
8
0
20
40
60
80
100
120
140
160
CASE TEMPERATURE (oC)
FIG.1 MAXIMUM DERATING CURVE FOR OUTPUT
CURRENT
RESISTER OR
INDUCTIVE LOAD
WITH HEATSINK
0
20
40
60
80
100
120
140
160
180
200
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM FORWARD SURGE CURRENT
PER LEG
8.3ms Single Half Sine Wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=25°C
TJ=125°C
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
PER LEG


Similar Part No. - GBU801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU801 DIODES-GBU801 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
Thinki Semiconductor Co...
GBU801 THINKISEMI-GBU801 Datasheet
865Kb / 2P
   8.0 AMPERE GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
GBU801 LUGUANG-GBU801 Datasheet
165Kb / 2P
   Single Phase 8.0AMP.Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
GBU801 KINGTRONICS-GBU801 Datasheet
344Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 8.0 Ampere
logo
Taiwan Semiconductor Co...
GBU801 TSC-GBU801 Datasheet
49Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - GBU801

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
   8A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBU804-K TSC-GBU804-K Datasheet
187Kb / 4P
   8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU804-K TSC-GBU804-K_16 Datasheet
187Kb / 4P
   8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBLA005 TSC-GBLA005_16 Datasheet
207Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU401 TSC-GBU401_16 Datasheet
213Kb / 4P
   4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBL005 TSC-GBL005_16 Datasheet
211Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBL201 TSC-GBL201_16 Datasheet
202Kb / 4P
   2A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
   10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU601 TSC-GBU601_16 Datasheet
209Kb / 4P
   6A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com