Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU405 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # GBU405
Description  4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBU405 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  GBU405 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBU405 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBU405 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBU405 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
21.80
22.30
0.858
0.878
B
3.50
4.10
0.138
0.161
C
7.40
7.90
0.291
0.311
D
1.65
2.16
0.065
0.085
E
2.16
2.54
0.085
0.100
F
1.65
2.03
0.065
0.080
G
1.52
2.03
0.060
0.080
H
1.02
1.27
0.040
0.050
I
4.83
5.33
0.190
0.210
J
3.30
3.56
0.130
0.140
K
18.30
18.80
0.720
0.740
L
17.50
18.00
0.689
0.709
M
1.90
2.16
0.075
0.085
N
0.46
0.56
0.018
0.022
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
Document Number: DS_D1409015
Version: J15
GBU401 - GBU407
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
MARKING DIAGRAM
GBU
0
20
40
60
80
100
120
140
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
GBU401-
GBU404
GBU405-
GBU407
f=1.0MHz
Vslg=50mVp-p


Similar Part No. - GBU405

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU405 TSC-GBU405 Datasheet
48Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBU405 TSC-GBU405 Datasheet
220Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Compact Technology Corp...
GBU405 CTC-GBU405 Datasheet
73Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU405 TSC-GBU405 Datasheet
128Kb / 2P
   Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
GBU405 LUGUANG-GBU405 Datasheet
197Kb / 2P
   Single Phase 4.0AMP.Glass Passivated Bridge Rectifiers
More results

Similar Description - GBU405

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBLA005 TSC-GBLA005_16 Datasheet
207Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBL005 TSC-GBL005_16 Datasheet
211Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBP4005 SECOS-GBP4005 Datasheet
347Kb / 2P
   4A, 50V ~ 1000V Glass Passivated Bridge Rectifiers
GBL4005 SECOS-GBL4005 Datasheet
286Kb / 2P
   50V ~ 1000V, 4A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBU401 TSC-GBU401_V01 Datasheet
275Kb / 7P
   4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifier
2019
GBU404-K TSC-GBU404-K_16 Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU404-K TSC-GBU404-K Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBL201 TSC-GBL201_16 Datasheet
202Kb / 4P
   2A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
   10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU601 TSC-GBU601_16 Datasheet
209Kb / 4P
   6A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com