Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU601 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # GBU601
Description  6A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBU601 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  GBU601_16 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBU601_16 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBU601_16 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBU601_16 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CREAT BY ART
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_D1410053
Version: K15
GBU601 - GBU607
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Similar Part No. - GBU601_16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU601 TSC-GBU601_1 Datasheet
180Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_10 Datasheet
534Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Compact Technology Corp...
GBU601 CTC-GBU601_15 Datasheet
176Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU601 TSC-GBU601_15 Datasheet
209Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
More results

Similar Description - GBU601_16

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
D6JB05 SECOS-D6JB05 Datasheet
394Kb / 2P
   50V ~ 1000V, 6A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G_16 Datasheet
194Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
GBU604-K TSC-GBU604-K_16 Datasheet
183Kb / 4P
   6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU604-K TSC-GBU604-K Datasheet
183Kb / 4P
   6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBLA005 TSC-GBLA005_16 Datasheet
207Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU401 TSC-GBU401_16 Datasheet
213Kb / 4P
   4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBL005 TSC-GBL005_16 Datasheet
211Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBL201 TSC-GBL201_16 Datasheet
202Kb / 4P
   2A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
   10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com