Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBL06 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GBL06
Description  4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBL06 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GBL06 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBL06 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBL06 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBL06 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D1408053
Version: J15
GBL10
GBL10HC2G
H
C2
G
AEC-Q101 qualified
Green compound
DESCRIPTION
GBL
25 / Tube
25 / Tube / Forming
25 / Tube
PACKING
PACKING
CODE
PACKING CODE
SUFFIX (*)
PACKAGE
H
C2
G
GBL
X0
ORDERING INFORMATION
GBLxx
(Note 1)
GBL005 - GBL10
Taiwan Semiconductor
PART NO.
SUFFIX
RATINGS AND CHARACTERISTICS CURVES
EXAMPLE
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
Note 1: "xx" defines voltage from 50V (GBL005) to 1000V (GBL10)
PREFERRED P/N
GBL
D2
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
Heat-sink
Mounting
2"x3"x0.25"
Al-Plate
P.C.B.
Mounting
0.5"x0.5"
copper pads
0
25
50
75
100
125
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25oC
TJ=125oC
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS


Similar Part No. - GBL06

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
GBL06 SAMYANG-GBL06 Datasheet
871Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Won-Top Electronics
GBL06 WTE-GBL06 Datasheet
40Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
GBL06 CHENG-YI-GBL06 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zowie Technology Corpor...
GBL06 ZOWIE-GBL06 Datasheet
115Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
GBL06 GE-GBL06 Datasheet
90Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBL06

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBLA005 TSC-GBLA005_16 Datasheet
207Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU401 TSC-GBU401_16 Datasheet
213Kb / 4P
   4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBP4005 SECOS-GBP4005 Datasheet
347Kb / 2P
   4A, 50V ~ 1000V Glass Passivated Bridge Rectifiers
GBL4005 SECOS-GBL4005 Datasheet
286Kb / 2P
   50V ~ 1000V, 4A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBU401 TSC-GBU401_V01 Datasheet
275Kb / 7P
   4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifier
2019
GBU404-K TSC-GBU404-K_16 Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU404-K TSC-GBU404-K Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBL201 TSC-GBL201_16 Datasheet
202Kb / 4P
   2A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
   10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU601 TSC-GBU601_16 Datasheet
209Kb / 4P
   6A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com