Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3C3384QE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3C3384QE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3384QE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3C3384QE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3384QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3384QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3384QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3384QE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8757G
11/25/10
PI3C3384
2.5V/3.3V, High Bandwidth, Hot Insertion
10-Bit, 2-Port, Bus Switch
StorageTemperature...................................................................–65°Cto+150°C
AmbientTemperaturewithPowerApplied..................................–40°Cto+85°C
SupplyVoltagetoGroundPotential(Input&VCCOnly)............. –0.5Vto+4.6V
SupplyVoltagetoGroundPotential(Outputs&D/OOnly)......... –0.5Vto+4.6V
DCInputVoltage...........................................................................–0.5Vto+5.5V
DCOutputCurrent...................................................................................... 120mA
PowerDissipation.......................................................................................... 1.0W
Note:
StressesgreaterthanthoselistedunderMAXIMUM
RATINGSmaycausepermanentdamagetothedevice.
Thisisastressratingonlyandfunctionaloperation
ofthedeviceattheseoranyotherconditionsabove
those indicated in the operational sections of this
specification is not implied.Exposure to absolute
maximumratingconditionsforextendedperiodsmay
affectreliability.
Maximum Ratings
(Abovewhichtheusefullifemaybeimpaired.Foruserguidelines,nottested.)
DC Electrical Characteristics (OverOperatingRange,TA=–40°Cto+85°C,VCC=3.3V±10%)
Parameters
Description
Test Conditions(1)
Min
Typ.(2) Max Units
VIH
InputHIGHVoltage
GuaranteedLogicHIGHLevel
2.0
V
VIL
InputLOWVoltage
GuaranteedLogicLowLevel
–0.5
0.8
IIH
InputHIGHCurrent
VCC=Max,VIN=VCC
±1
µA
IIL
InputLOWCurrent
VCC=Max,VIN=GND
±1
IOZH
High-ImpedanceOutputCurrent
0≤A,B≤VCC
±1
VIK
ClampDiodeVoltage
VCC=Min,IIN=–18mA
–0.73
–1.2
V
RON
SwitchOnResistance(3)
VCC=Min,VIN=0.0V
ION=48mAor64mA
5
7
Ω
VCC=Min,VIN=0.0V
ION=48mAor64mA
8
15
Capacitance (TA=25°C,f =1MHz)
Parameters(4)
Description
Test Conditions
Typ.
Units
CIN
InputCapacitance
VIN=0V
3.5
pF
COFF
A/BCapacitance,SwitchOff
5.0
CON
A/BCapacitance,SwitchOn
10.0
Notes:
1.ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
2.TypicalvaluesareatVCC=3.3V,TA=25°Cambientandmaximumloading.
3.MeasuredbythevoltagedropbetweenAandBpinatindicatedcurrentthroughtheswitch.ONresistanceisdeterminedbythelowerofthevolt-
agesonthetwo(A,B)pins.
4.Thisparameterisdeterminedbydevicecharacterizationbutisnotproductiontested.
11-0008


Similar Part No. - PI3C3384QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3384QEX PERICOM-PI3C3384QEX Datasheet
308Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
More results

Similar Description - PI3C3384QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C3861-A PERICOM-PI3C3861-A Datasheet
365Kb / 2P
   2.5V/3.3V, High Bandwidth, Hot-Insertion,10-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C32X384 PERICOM-PI3C32X384 Datasheet
645Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245 Datasheet
218Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3C32X245 PERICOM-PI3C32X245_11 Datasheet
645Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com