Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3C3126LE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3C3126LE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3126LE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI3C3126LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3C3126LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PI3C3126
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit,
2-Port Bus Switch with Individual Enables
PS9087A
09/24/10
DESCRIPTION: 14-Pin, 44mm Wide,TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL NO.
PD - 1309
REVISION: C
DATE: 03/09/05
Note:
1. Package Outline Exclusive of Mold Flash and Metal Burr
2. Controlling dimentions in millimeters
3. Ref: JEDEC MO-153F/AB-1
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
0.193
0.201
0.047
0.002
0.006
SEATING
PLANE
0.0256
typical
0.018
0.030
0.004
0.008
0.240
0.264
1
14
0.169
0.177
0.05
0.15
6.1
6.7
0.45
0.75
0.09
0.20
4.3
4.5
1.20
max.
4.90
5.10
0.65
0.19
0.30
0.007
0.012
11-0003


Similar Part No. - PI3C3126LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3126LE PERICOM-PI3C3126LE Datasheet
632Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126LE PERICOM-PI3C3126LE Datasheet
381Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126LEX PERICOM-PI3C3126LEX Datasheet
632Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
More results

Similar Description - PI3C3126LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3125 PERICOM-PI3C3125 Datasheet
193Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3125QEX PERICOM-PI3C3125QEX Datasheet
764Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3125 PERICOM-PI3C3125_07 Datasheet
381Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126LEX PERICOM-PI3C3126LEX Datasheet
632Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3305 PERICOM-PI3C3305 Datasheet
479Kb / 6P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3306UEX PERICOM-PI3C3306UEX Datasheet
789Kb / 7P
   2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Potato Semiconductor Co...
PO3B3306A POTATO-PO3B3306A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3305A POTATO-PO3B3305A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
   Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com