Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B132-008A-2 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B132-008A-2
Description  8-Port VGA plus Audio over Cat5/Cat6 Extender/Splitter, Box-Style Transmitter w/EDID, 1920 x 1440 @ 60 Hz, Up to 1,000 ft.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B132-008A-2 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B132-008A-2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B132-008A-2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B132-008A-2 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Daisy-Chain Units to Reach More Remote Displays
Daisy-chain up to 6 units to extend the original audio/video signal to as many as 49 displays(48 remote, 1 local)
Connects to next link in chain with one Cat5/Cat6 cable, such as Tripp Lite 24 AWG solid-wire N022-01K-GY(Cat5e) or N222-01K-GY(Cat6) cable
Add up to 3 B132-110A remote repeaters to each channel to extend signal range or add displays
Extends Signals Up to 1,000 ft.
Extends a 1920 x 1440(60 Hz) signal up to 500 ft. away from the audio/video source
Extends a 1024 x 768(60 Hz) signal up to 1,000 ft. away from the audio/video source
Supports high-quality audio
Easy to Set Up and Use
Plug-and-play engineering—no software or drivers to download and install
Connects quickly to source and displays with VGA cable, such as Tripp Lite’s P504-Series
LEDs indicate at a glance when the unit is receiving power and a VGA signal from the source
Included mounting hardware lets you install the unit on a wall, rack or pole
TAA-Compliant
Compliant with the Federal Trade Agreements Act(TAA) for GSA Schedule purchases
Specifications
PHYSICAL
Shipping Weight (lbs.)
3.9
Shipping Weight (kg)
1.8
Unit Dimensions (hwd / in.)
1.2 x 9.3 x 3.9
Unit Dimensions (hwd / cm)
3.05 x 23.6 x 9.91
Unit Weight (lbs.)
1.5
Unit Weight (kg)
0.68
Color
Black
COMMUNICATIONS
Max 1024 x 768 Range (ft)
1000
Max 1080P Range (ft)
500
Max 1920 x 1440 Range (ft)
500
CONNECTIONS
Connector A
(2) HD15 (FEMALE)
Connector B
(2) 3.5MM (FEMALE)
Connector C
(8) RJ45 (FEMALE)
2 / 3


Similar Part No. - B132-008A-2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B132-004-RB TRIPPLITE-B132-004-RB Datasheet
150Kb / 2P
   19" Rack Mount Bracket (holds up to three Cat5 extender/splitter local units)
More results

Similar Description - B132-008A-2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B1320022 TRIPPLITE-B1320022 Datasheet
501Kb / 2P
   2-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B1320042 TRIPPLITE-B1320042 Datasheet
493Kb / 3P
   4-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B132004A2 TRIPPLITE-B132004A2 Datasheet
498Kb / 3P
   4-Port VGA with Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft.
B132002A2 TRIPPLITE-B132002A2 Datasheet
506Kb / 3P
   2-Port VGA with Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter with EDID,1920x1440 at 60Hz, Up to 1000-ft
B136004 TRIPPLITE-B136004 Datasheet
499Kb / 2P
   4-Port Component Video plus Stereo Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter
B130101A2 TRIPPLITE-B130101A2 Datasheet
494Kb / 2P
   VGA with Audio over Cat5-Cat6 Extender Kit,Box-Style Transmitter & Receiver with EDID,1920x1440 at 60Hz, Up to 1000-ft.
B1301012 TRIPPLITE-B1301012 Datasheet
493Kb / 2P
   VGA over Cat5-Cat6 Extender Kit, Box-Style Transmitter and Receiver with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B130101S2 TRIPPLITE-B130101S2 Datasheet
496Kb / 2P
   VGA with RS232 over Cat5-Cat6 Extender Kit,Box-Style Transmitter and Receiver with EDID,1920x1440 at 60Hz, Up to 1000-ft
B132110 TRIPPLITE-B132110 Datasheet
522Kb / 3P
   VGA over Cat5-Cat6 Extender, Box-Style Repeater, 1920x1440 at 60Hz, Up to 1000-ft
B1321001 TRIPPLITE-B1321001 Datasheet
506Kb / 2P
   VGA over Cat5-Cat6 Extender, Box-Style Receiver,1920x1440 at 60Hz, Up to 1000-ft
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com