Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPD3540 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPD3540
Description  GaAs/GaN Power Doubler Hybrid
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD3540 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPD3540 Datasheet HTML 1Page - RF Micro Devices RFPD3540 Datasheet HTML 2Page - RF Micro Devices RFPD3540 Datasheet HTML 3Page - RF Micro Devices RFPD3540 Datasheet HTML 4Page - RF Micro Devices RFPD3540 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Revision DS20160126
- 1 of 5 -
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
RFPD3540
GaAs/GaN Power Doubler Hybrid
45MHz to 1218MHz
The RFPD3540 is a Hybrid Power Doubler amplifier module. The
part employs GaAs MesFET, GaAs pHemt die and GaN HEMT die,
has high output capability, and operates from 45MHz to 1218MHz.
It provides excellent linearity and superior return loss performance
with low noise and optimal reliability.
INPUT
OUTPUT
V+
Functional Block Diagram
Ordering Information
RFPD3540
Box with 50 pieces
Package: SOT-115J
Features
Extremely High Output
Capability
Excellent Linearity
Superior Return Loss
Performance
Optimal Reliability
Low Noise
Unconditionally Stable Under
All Terminations
27.0dB Min. Gain at 1218MHz
450mA Max. at 24VDC
Applications
45MHz to 1218MHz CATV
Amplifier Systems
DOCSIS 3.1 Compliant
RFPD3540


Similar Part No. - RFPD3540

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPD3540 QORVO-RFPD3540 Datasheet
299Kb / 5P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results

Similar Description - RFPD3540

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPA3230 RFMD-QPA3230 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid
QPA3240 RFMD-QPA3240 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid
RFPD3580 RFMD-RFPD3580 Datasheet
572Kb / 8P
   GaAs/GaN Power Doubler Hybrid
RFPD2540 RFMD-RFPD2540 Datasheet
244Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 RFMD-RFPD3210 Datasheet
232Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
RFPD3220 QORVO-RFPD3220 Datasheet
232Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 QORVO-RFPD3210 Datasheet
232Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
RF Micro Devices
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com