Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8777060U1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8777060U1000
Description  22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8777060U1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8777060U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8777060U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8777060U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8777060U1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
8777 Paired - Shielded Twisted Pair Cable
Layer
Number/Descri
ption
Material
Trade Name
Type
Material
% Coverage
(%)
Stranding
Diameter (in.)
Conductor
Material
1
Beldfoil®
Tape
Aluminum-
Polyester
100
2
Tape
Polyester
100
Inner Shield % Coverage
100 %
Inner Shield Drain Wire AWG
22
Inner Shield Drain Wire Stranding
19x34
Inner Shield Drain Wire Conductor Material
TC - Tinned Copper
OUTER SHIELD:
Outer Shield Material
Unshielded
OUTER JACKET:
Outer Jacket Material
PVC - Polyvinyl Chloride
OVERALL NOMINAL DIAMETER:
Overall Nominal Diameter
.273 in.
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-20°C To +80°C
UL Temperature Rating
80°C (UL AWM Style 2919)
Bulk Cable Weight
40.8 lbs/1000 ft.
Max. Recommended Pulling Tension
79 lbs.
Min. Bend Radius (Install)
2.75 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
NEC/(UL) Specification
CM
CEC/C(UL) Specification
CM
AWM Specification
UL Style 2919 (30 V 80°C)
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
FLAME TEST:
UL Flame Test
UL1685 UL Loading
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
Plenum Number
88777, 87777, 82777
ELECTRICAL CHARACTERISTICS:
Page 2 of 4


Similar Part No. - 8777060U1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8777060U1000 BELDEN-8777060U1000 Datasheet
255Kb / 3P
   Audio, Control & Instrument, #22-3pr, PO, Indiv. Foil, PVC Jkt, CM
More results

Similar Description - 8777060U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8723NH ETC2-8723NH Datasheet
113Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1712701 ETC2-1712701 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
9451SB ETC2-9451SB Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1344972 ETC2-1344972 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
29467 ETC2-29467 Datasheet
30Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
8723 ETC2-8723 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation,
8723SB ETC2-8723SB Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, twisted pairs, polypropylene insulation
1344818 ETC2-1344818 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1691983 ETC2-1691983 Datasheet
104Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, Datalene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com