Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFAM2790 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFAM2790
Description  Integrated Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAM2790 Datasheet(HTML) 2 Page - RF Micro Devices

  RFAM2790 Datasheet HTML 1Page - RF Micro Devices RFAM2790 Datasheet HTML 2Page - RF Micro Devices RFAM2790 Datasheet HTML 3Page - RF Micro Devices RFAM2790 Datasheet HTML 4Page - RF Micro Devices RFAM2790 Datasheet HTML 5Page - RF Micro Devices RFAM2790 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
RFAM2790
DS121001
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
V+ DC Supply Over-Voltage
(5 minutes)
14
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base
Temperature
-30 to +100
°C
Power Enable Voltage
10
V
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
V+ = 12V; TMB = 30°C; ZS = ZL = 75;
Attenuation = 0dB
Power Gain
27.0
dB
f = 45MHz
26.0
27.0
28.0
dB
f = 1003MHz
Slope[1]
-0.5
0.0
1.0
dB
f = 45MHz to 1003MHz
Flatness of Frequency Response
0.5
1.0
dB
f = 45MHz to 1003MHz (Peak to Valley)
Input Return Loss
18
20
dB
f = 45MHz to 1003MHz
Output Return Loss
16
18
dB
Noise Figure
4.0
5.0
dB
f = 50MHz to 1003MHz
Total Current Consumption (DC)
410.0
450.0
mA
Distortion
V+ = 12V; TMB = 30°C; ZS = ZL = 75;
Attenuation = 0dB
Adjacent Channel Power Ratio
(ACPR); N = 4 contiguous 256QAM
channels
-58
dBc
Channel Power = 58dBmV; Adjacent channel
up to 750kHz from channel block edge
-60
dBc
Channel Power = 58dBmV; Adjacent channel
(750kHz from channel block edge to 6MHz
from channel block edge)
-63
dBc
Channel Power = 58dBmV; Next-adjacent
channel (6MHz from channel block edge to
12MHz from channel block edge)
-65
dBc
Channel Power = 58dBmV; Third-adjacent
channel (12MHz from channel block edge to
18MHz from channel block edge)
2nd Order Harmonic (HD2); N = 1
256QAM channel
-63
dBc
Channel Power = 66dBmV; In each of 2N con-
tiguous 6MHz channels coinciding with 2nd
harmonic components (up to 1000MHz);
3rd Order Harmonic (HD3); N = 1
256QAM channel
-63
dBc
Channel Power = 66dBmV; In each of 3N con-
tiguous 6MHz channels coinciding with 3rd
harmonic components (up to 1000MHz);
CTB
-67
dBc
VO = 46dBmV, flat, 79 analog channels plus 75
digital channels (-6dB offset)[2]
XMOD
-60
dBc
CSO
-70
dBc
CIN
64
dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.


Similar Part No. - RFAM2790

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFAM3620 TRIQUINT-RFAM3620 Datasheet
542Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
logo
Qorvo, Inc
RFAM3620 QORVO-RFAM3620 Datasheet
592Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
logo
TriQuint Semiconductor
RFAM3620PCBA-410 TRIQUINT-RFAM3620PCBA-410 Datasheet
542Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
logo
Qorvo, Inc
RFAM3620PCBA-410 QORVO-RFAM3620PCBA-410 Datasheet
592Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
logo
TriQuint Semiconductor
RFAM3620SB TRIQUINT-RFAM3620SB Datasheet
542Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
More results

Similar Description - RFAM2790

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM5304 RFMD-RFCM5304 Datasheet
607Kb / 7P
   INTEGRATED AMPLIFIER
logo
Roithner LaserTechnik G...
UV-TIAMO-S ROITHNER-UV-TIAMO-S Datasheet
704Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-BL ROITHNER-UV-TIAMO-BL Datasheet
753Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
   integrated transimpedance amplifier
logo
NTE Electronics
NTE1171 NTE-NTE1171 Datasheet
26Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941 NTE-NTE941 Datasheet
25Kb / 3P
   Integrated Circuit Operational Amplifier
logo
National Semiconductor ...
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
   Integrated Audio Amplifier System
logo
M/A-COM Technology Solu...
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
logo
Renesas Technology Corp
ISL54003 RENESAS-ISL54003 Datasheet
719Kb / 16P
   Integrated Audio Amplifier Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com