Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPA3240 Datasheet(PDF) 6 Page - RF Micro Devices

Part # QPA3240
Description  GaAs/GaN Power Doubler Hybrid
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPA3240 Datasheet(HTML) 6 Page - RF Micro Devices

  QPA3240 Datasheet HTML 1Page - RF Micro Devices QPA3240 Datasheet HTML 2Page - RF Micro Devices QPA3240 Datasheet HTML 3Page - RF Micro Devices QPA3240 Datasheet HTML 4Page - RF Micro Devices QPA3240 Datasheet HTML 5Page - RF Micro Devices QPA3240 Datasheet HTML 6Page - RF Micro Devices QPA3240 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Revision DS20150922
- 6 of 7 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
QPA3240
RFMD + TriQuint = Qorvo
Package Drawing (Dimensions in millimeters)


Similar Part No. - QPA3240

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA3240 TRIQUINT-QPA3240 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
QPA3240 QORVO-QPA3240 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results

Similar Description - QPA3240

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPA3230 RFMD-QPA3230 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid
RFPD3540 RFMD-RFPD3540 Datasheet
299Kb / 5P
   GaAs/GaN Power Doubler Hybrid
RFPD3580 RFMD-RFPD3580 Datasheet
572Kb / 8P
   GaAs/GaN Power Doubler Hybrid
RFPD2540 RFMD-RFPD2540 Datasheet
244Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 RFMD-RFPD3210 Datasheet
232Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
RFPD3220 QORVO-RFPD3220 Datasheet
232Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 QORVO-RFPD3210 Datasheet
232Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
RF Micro Devices
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com