Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPA3230 Datasheet(PDF) 2 Page - RF Micro Devices

Part # QPA3230
Description  GaAs/GaN Power Doubler Hybrid
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPA3230 Datasheet(HTML) 2 Page - RF Micro Devices

  QPA3230 Datasheet HTML 1Page - RF Micro Devices QPA3230 Datasheet HTML 2Page - RF Micro Devices QPA3230 Datasheet HTML 3Page - RF Micro Devices QPA3230 Datasheet HTML 4Page - RF Micro Devices QPA3230 Datasheet HTML 5Page - RF Micro Devices QPA3230 Datasheet HTML 6Page - RF Micro Devices QPA3230 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Revision DS20150921
- 2 of 7 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
QPA3230
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Electrical Specifications
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance. Test conditions unless otherwise noted: V+ = 24V; TMB = 30
°C; ZS = ZL = 75Ω, IDC set >370mA
Operating Frequency Range
45
1218
MHz
Power Gain
21.3
21.8
22.3
dB
f = 45MHz
22.5
22.8
24.0
dB
f = 1218MHz
Slope[1]
0.5
1.0
2.0
dB
f = 45MHz to 1218MHz
Flatness of Frequency Response
0.8
dB
f = 45MHz to 1218MHz
Input Return Loss
20
dB
f = 45MHz to 320MHz
19
dB
f = 320MHz to 640MHz
18
dB
f = 640MHz to 870MHz
18
dB
f = 870MHz to 1000MHz
17
dB
f = 1000MHz to 1218MHz
Output Return Loss
20
dB
f = 45MHz to 320MHz
19
dB
f = 320MHz to 640MHz
18
dB
f = 640MHz to 870MHz
18
dB
f = 870MHz to 1000MHz
17
dB
f = 1000MHz to 1218MHz
Noise Figure
3.0
4.0
dB
f = 50MHz to 1218MHz
Total Current Consumption (DC)
470.0
480.0
mA
Parameter
Rating
Unit
RF Input Voltage (single tone)
75
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per EN
14582 : 2007, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame
retardant, and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.


Similar Part No. - QPA3230

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA3230 QORVO-QPA3230 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results

Similar Description - QPA3230

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPA3240 RFMD-QPA3240 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid
RFPD3540 RFMD-RFPD3540 Datasheet
299Kb / 5P
   GaAs/GaN Power Doubler Hybrid
RFPD3580 RFMD-RFPD3580 Datasheet
572Kb / 8P
   GaAs/GaN Power Doubler Hybrid
RFPD2540 RFMD-RFPD2540 Datasheet
244Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 RFMD-RFPD3210 Datasheet
232Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
RFPD3220 QORVO-RFPD3220 Datasheet
232Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 QORVO-RFPD3210 Datasheet
232Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
RF Micro Devices
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com