Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK15 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SK15
Description  Surface Mount Schottky-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK15 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SK15 Datasheet HTML 1Page - Diotec Semiconductor SK15 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
163
28.02.2002
SK 12 … SK 110
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+150
/C
Characteristics
Kennwerte
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 0.5 mA
T
j = 100
/CV
R = VRRM
I
R
< 5.0 mA
Thermal resistance junction to ambient air
R
thA
< 70 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to terminal
R
thT
< 30 K/W
Wärmewiderstand Sperrschicht – Anschluß


Similar Part No. - SK15

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SK15 JUXING-SK15 Datasheet
486Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Mospec Semiconductor
SK15 MOSPEC-SK15 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Pan Jit International I...
SK15 PANJIT-SK15 Datasheet
54Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SK15 DGNJDZ-SK15 Datasheet
178Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SK15 SY-SK15 Datasheet
233Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK15

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SM5817 DIOTEC-SM5817 Datasheet
169Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Guangdong Juxing Electr...
SS52_DO-214AB JUXING-SS52_DO-214AB Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
SS22F JUXING-SS22F Datasheet
653Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Luguang Electr...
LGL341-20 LUGUANG-LGL341-20 Datasheet
420Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS52F YIXIN-SS52F Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
MASK12 JUXING-MASK12 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com