Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8103060500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 8103060500
Description  24 AWG stranded (7x32) TC conductors, Datalene짰 insulation, twisted pairs, overall Beldfoil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8103060500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  8103060500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8103060500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8103060500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8103 Paired - Low Capacitance Computer Cable for EIA RS-232/422
Notes
Datalene® insulation features include low dielectric constant and a dissipation
factor for high-speed, low-distortion data handling. Physical properties include
good crush resistance and light weight.
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
8103 060100
3 PR #24 FHDPE SH
PVC
100
4.6
CHROME
8103 0601000
3 PR #24 FHDPE SH
PVC
1000
42
CHROME
C
8103 06010000
3 PR #24 FHDPE SH
PVC
10000
430
CHROME
C Y
8103 060500
3 PR #24 FHDPE SH
PVC
500
19.5
CHROME
C
C = CRATE REEL PUT-UP.
Y = FINAL PUT-UP LENGTH MAY VARY -10% TO +20% FROM LENGTH SHOWN. MAY CONTAIN 2 PIECES. MINIMUM
LENGTH OF ANY ONE PIECE IS 1500'.
Revision Number: 1
Revision Date: 07-22-2005
© 2006 Belden Wire & Cable Company
All Rights Reserved.
Although Belden Electronics Division ("Belden") makes every reasonable effort to ensure their accuracy at the time of this publication,
information and specifications described herein are subject to error or omission and to change without notice, and the listing of such
information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described
herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden CDT Electronics Division believes this product to be in compliance with the following environmental regulations: California
Proposition 65 Consent Judgment For Wire & Cable Mfgs.(San Francisco Superior Court Nos. 312962 And 320342); EU RoHS
(Directive 2002/95/EC, 27-Jan-2003);Material manufactured prior to the compliance date may still be in stock at Belden facilities and in our
Distributor's inventory. EU ELV (Directive 2000/53/EC, 18-Sept-2000); EU WEEE (Directive 2002/96/EC, 27-Jan-2003); And EU BFR
(Directive 2003/11/EC, 6-Feb-2003). The information provided in this Product Disclosure, and the identification of materials listed as
reportable or restricted within the Product Disclosure, is correct to the best of Belden's knowledge, information and belief at the date of its
publication. The information provided in the Product Disclosure is designed only as a general guide for the safe handling, storage, and any
other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality
specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of
legislation and regulations based on their individual usage of the product.
Belden CDT Electronics Division declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended
by directive 93/68/EEC.
Page 3 of 3


Similar Part No. - 8103060500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8103060500 ETC2-8103060500 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
81030605000 ETC2-81030605000 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results

Similar Description - 8103060500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8107 ETC2-8107 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene짰 insulation, twisted pairs, overall Beldfoil
1351277 ETC2-1351277 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene짰 insulation, twisted pairs individually Beldfoil
9842 ETC2-9842 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
9841 ETC2-9841 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
1348391 ETC2-1348391 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
28435 ETC2-28435 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
1346634 ETC2-1346634 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
1421A ETC2-1421A Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
28423 ETC2-28423 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28396 ETC2-28396 Datasheet
32Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com