Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8442060U1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8442060U1000
Description  22 AWG stranded (7x30) tinned copper conductors, PVC insulation, twisted pair, chrome PVC jacket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8442060U1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8442060U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8442060U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8442060U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8442 Non-Paired - High-Conductivity Copper Speaker Cable Twisted Jacketed Con
Min. Bend Radius (Install)
1.65 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
NEC/(UL) Specification
CMG
CEC/C(UL) Specification
CMG
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
FLAME TEST:
C(UL) Flame Test
FT4
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
Plenum Number
88442, 82442
ELECTRICAL CHARACTERISTICS:
Nom. Inductance
.2 µH/ft
Nom. Capacitance Conductor to Conductor @ 1 KHz
30 pF/ft
Nom. Conductor DC Resistance @ 20 Deg. C
15.6 Ohms/1000 ft
Max. Operating Voltage - UL
300 V RMS
Max. Recommended Current
2.9 Amps per conductor @ 25°C
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
8442 060100
2 #22 PVC PVC
100
2.4
CHROME
8442 0601000
2 #22 PVC PVC
1000
15
CHROME
C
8442 06010000
2 #22 PVC PVC
10000
150
CHROME
C Y
8442 060500
2 #22 PVC PVC
500
7.5
CHROME
8442 060U1000
2 #22 PVC PVC
U1000
15
CHROME
8442 060U500
2 #22 PVC PVC
U500
8
CHROME
C = CRATE REEL PUT-UP.
Y = FINAL PUT-UP LENGTH MAY VARY -10% TO +20% FROM LENGTH SHOWN. MAY CONTAIN 2 PIECES. MINIMUM
LENGTH OF ANY ONE PIECE IS 1500'.
Revision Number: 1
Revision Date: 08-17-2005
Page 2 of 3


Similar Part No. - 8442060U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8442060U1000 ETC2-8442060U1000 Datasheet
98Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation, twisted pair, chrome PVC jacket
More results

Similar Description - 8442060U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1348323 ETC2-1348323 Datasheet
98Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation, twisted pair, chrome PVC jacket
1351693 ETC2-1351693 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1344818 ETC2-1344818 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1345005 ETC2-1345005 Datasheet
100Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1351330 ETC2-1351330 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1345895 ETC2-1345895 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
8461 ETC2-8461 Datasheet
96Kb / 2P
   18 AWG stranded (7x26) tinned copper conductors, PVC insulation, twisted pair, PVC jacket.
29545 ETC2-29545 Datasheet
29Kb / 3P
   20 AWG stranded (7x28) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket.
1344417 ETC2-1344417 Datasheet
96Kb / 2P
   20 AWG stranded (7x28) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
1346341 ETC2-1346341 Datasheet
98Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com