Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1585 Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-1585
Description  3.3V Dual Transceiver with Tail-Off Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1585 Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-1585 Datasheet HTML 6Page - Holt Integrated Circuits HI-1585 Datasheet HTML 7Page - Holt Integrated Circuits HI-1585 Datasheet HTML 8Page - Holt Integrated Circuits HI-1585 Datasheet HTML 9Page - Holt Integrated Circuits HI-1585 Datasheet HTML 10Page - Holt Integrated Circuits HI-1585 Datasheet HTML 11Page - Holt Integrated Circuits HI-1585 Datasheet HTML 12Page - Holt Integrated Circuits HI-1585 Datasheet HTML 13Page - Holt Integrated Circuits HI-1585 Datasheet HTML 14Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
JUNCTION TEM
PART NUMBER
PACKAGE STYLE
CONDITION
Ø
PERATURE
T =25°C T =85°C T =125°C
JA
AA
A
HI-1585PCI / T / M
48-Plastic chip-
Heat sink
49°C/W
49°C
109°C
149°C
scale package (QFN)
unsoldered
Data taken at VDD=3.3V, continuous transmission at 1Mbit/s, single transmitter enabled.
THERMAL CHARACTERISTICS
HEAT SINK
The HI-1585PCI/T/M uses a plastic chip-scale package
(QFN).
the printed circuit board
for optimum thermal dissipation.
The heat sink is
electrically isolated and may be soldered to any
convenient power or ground plane.
These packages include a metal heat sink
located on the bottom surface of the device. This heat
sink may be soldered down to
Isolation
Transformer
BUS A/B
BUS A/B
GND
RXA/B
TXA/B
TXA/B
RXA/B
VDD
Each Bus
MIL-STD-1553
Transceiver
70Ω
Point
“AT”
1:2.07
HI-1585
Figure 7. Transformer Coupled Test Circuit
APPLICATIONS NOTE
Holt Applications Note AN-500 provides circuit design notes
regarding the use of Holt's family of MIL-STD-1553
transceivers. Layout considerations, as well as
recommended interface and protection components are
included.
Isolation
Transformer
BUS A/B
BUS A/B
GND
RXA/B
TXA/B
TXA/B
RXA/B
VDD
Each Bus
MIL-STD-1553
Transceiver
55Ω
35Ω
55Ω
Point
“AD”
1:2.65
HI-1585
Figure 6. Direct Coupled Test Circuit
HI-1585
HOLT INTEGRATED CIRCUITS
11


Similar Part No. - HI-1585

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1581 HOLTIC-HI-1581 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-1581CDI HOLTIC-HI-1581CDI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1581CDM HOLTIC-HI-1581CDM Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1581CDT HOLTIC-HI-1581CDT Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1581PCI HOLTIC-HI-1581PCI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
More results

Similar Description - HI-1585

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1584 HOLTIC-HI-1584 Datasheet
74Kb / 10P
   3.3V Monolithic Dual Transceiver
logo
NXP Semiconductors
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
logo
Pericom Semiconductor C...
PI3V712-A PERICOM-PI3V712-A Datasheet
80Kb / 2P
   3.3V, 7-Channel Analog Video Switch with Dual Control Logic
logo
Texas Instruments
TCAN4420 TI1-TCAN4420 Datasheet
973Kb / 31P
[Old version datasheet]   CAN Transceiver with Polarity Control
logo
Maxim Integrated Produc...
MAX5918 MAXIM-MAX5918 Datasheet
443Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
19-2496; Rev 0; 7/02
logo
NXP Semiconductors
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
logo
Maxim Integrated Produc...
MAX5955 MAXIM-MAX5955 Datasheet
360Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent On/Off Control
19-3813; Rev 0; 9/05
logo
NXP Semiconductors
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
TDA3506 PHILIPS-TDA3506 Datasheet
136Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com