Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26405 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 26405
Description  Industrial Connectors:Rechteck-Steckverbinder GDM-Serie:Bauform AEN 175301-803
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

26405 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  26405 Datasheet HTML 1Page - List of Unclassifed Manufacturers 26405 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Durchgangswiderstand
<= 4 mOhm
Anschlußart
schrauben
Anschließbare Leitungen
4,5 mm bis 10 mm Durchmesser
Gehäusebefestigung
Zentralschraube
Werkstoff
Kontaktoberflächenmaterial
Sn
Kontaktträgermaterial
PA
Gehäusematerial
PA
Umgebungsbedingungen
Schutzgrad (IEC 60529)
IP 65 (Dichtung notwendig)
Verschmutzungsgrad
3
Temperaturbereich
-40 °C bis +90 °C
Brennbarkeitsklassen
Gehäuse
94 HB
Kontaktträger
94 HB
Verpackungseinheit
Verpackungseinheit
50 Stück
Lieferumfang bzw. Zubehör
Zubehör gesondert zu bestellen
(NBR) Flachdichtung GDM 3-7,
Bestell-Nr. 730 801-002;
(EPDM) Flachdichtung GDM 3-21,
Bestell-Nr. 731 739-004;
Profildichtung GDM 3-16,
Bestell-Nr. 731 531-002;
Rändelschraube GDM 3011-8,
Bestell-Nr. 732 574-001;
Edelstahlschraube GDM 3011 RF-1,
Bestell-Nr. 734 363-001
Seite 2 von 2


Similar Part No. - 26405

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
264057 STEGO-264057 Datasheet
568Kb / 2P
   VARIOLINE LAMP
20.07.2022
264057 STEGO-264057 Datasheet
593Kb / 2P
   LAMP
20.07.2022
264058 STEGO-264058 Datasheet
568Kb / 2P
   VARIOLINE LAMP
20.07.2022
264058 STEGO-264058 Datasheet
593Kb / 2P
   LAMP
20.07.2022
264059 STEGO-264059 Datasheet
593Kb / 2P
   LAMP
20.07.2022
More results

Similar Description - 26405

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
26407 ETC2-26407 Datasheet
134Kb / 2P
   Industrial Connectors:Rechteck-Steckverbinder GDM-Serie:Bauform AEN 175301-803
logo
Oscilent Corporation
803-RF447.0M-A OSCILENT-803-RF447.0M-A_14 Datasheet
113Kb / 4P
   803-RF447.0M-A_14
803-RF411.25M-A OSCILENT-803-RF411.25M-A_14 Datasheet
390Kb / 3P
   803-RF411.25M-A
logo
Lumberg
ZP1 LUMBERG-ZP1 Datasheet
121Kb / 1P
   Modular-Steckverbinder
logo
Glenair, Inc.
809-092 GLENAIR-809-092 Datasheet
240Kb / 2P
   Dummy Receptacle for 803 Connectors
logo
Molex Electronics Ltd.
735912095 MOLEX-735912095 Datasheet
307Kb / 1P
   SMSJ ISOLATOR/758~803 MHZ/CW
2022/03/01
735912096 MOLEX-735912096 Datasheet
307Kb / 1P
   SMSJ ISOLATOR/758~803 MHZ/CCW
2022/03/01
735912054 MOLEX-735912054 Datasheet
456Kb / 1P
   SMSJ ISOLATOR/753~803 MHZ/CW
2022/03/01
logo
List of Unclassifed Man...
735278 ETC2-735278 Datasheet
38Kb / 1P
   AMP FASTON-Steckverbinder
logo
Tyco Electronics
1393586-6 MACOM-1393586-6 Datasheet
152Kb / 1P
   Steckverbinder, ML, kompakt Header...
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com