Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF13A-13P-1.25V Datasheet(PDF) 5 Page - Hirose Electric

Part # DF13A-13P-1.25V
Description  1.25mm Pitch Miniature Crimping Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13A-13P-1.25V Datasheet(HTML) 5 Page - Hirose Electric

  DF13A-13P-1.25V Datasheet HTML 1Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 2Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 3Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 4Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 5Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 6Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 7Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 8Page - Hirose Electric DF13A-13P-1.25V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
B187
BSingle Row Straight Pin Header (SMT)
[Specific No.] – **, (**)
(20): Tin plated tube package
(50): Gold plated tube package
BPCB mounting pattern
BTube Dimensions
Note:Please order the tube packaging products, multiplying the tube packaging quantity.
Note:If the pattern exists in the shaded area, and isn't treated with resist, it could touch the connector contact.
This pin header is a box type style. Therefore, the header has neither vacuum absorption
face nor embossed tape packaging specification.
Part Number
DF13- 2P-1.25V(**)
DF13- 3P-1.25V(**)
DF13- 4P-1.25V(**)
DF13- 5P-1.25V(**)
DF13- 6P-1.25V(**)
DF13- 7P-1.25V(**)
DF13- 8P-1.25V(**)
DF13- 9P-1.25V(**)
DF13-10P-1.25V(**)
DF13-11P-1.25V(**)
DF13-12P-1.25V(**)
DF13-14P-1.25V(**)
DF13-15P-1.25V(**)
CL No.
536-0201-3-**
536-0202-6-**
536-0203-9-**
536-0204-1-**
536-0205-4-**
536-0206-7-**
536-0207-0-**
536-0208-2-**
536-0209-5-**
536-0210-4-**
536-0211-7-**
536-0213-2-**
536-0214-5-**
Number of Contacts
2
3
4
5
6
7
8
9
10
11
12
14
15
A
1.25
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
16.25
17.50
B
4.15
5.40
6.65
7.90
9.15
10.40
11.65
12.90
14.15
15.40
16.65
19.15
20.40
C
7.15
8.40
9.65
10.90
12.15
13.40
14.65
15.90
17.15
18.40
19.65
22.15
23.40
D
3.35
4.60
5.85
7.10
8.35
9.60
10.85
12.10
13.35
14.60
15.85
18.35
19.60
E
5.65
6.90
8.15
9.40
10.65
11.90
13.15
14.40
15.65
16.90
18.15
20.65
21.90
F
1.95
3.20
4.45
5.70
6.95
8.20
9.45
10.70
11.95
13.20
14.45
16.95
18.20
Tube Package Quantity
67
57
49
44
39
36
33
30
28
26
24
21
20
Remark
Guide post
Unit: mm


Similar Part No. - DF13A-13P-1.25V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF13-10DS-1.25C HIROSE-DF13-10DS-1.25C Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF13-10P-1.25DS(20) HIROSE-DF13-10P-1.25DS(20) Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 17 DF13-10P-1.25DSA(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com