Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3C3125LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3C3125LE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3125LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3C3125LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3C3125LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PI3C3125/PI3C3126
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit,
2-Port Bus Switch with Individual Enables
PS8153H
10/25/07
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature ............................................................ –65°C to +150°C
Ambient Temperature with Power Applied ........................... –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & VCC Only).....–0.5V to +4.6V
Supply Voltage to Ground Potential (Outputs & D/O Only) ..–0.5V to +4.6V
DC Input Voltage ....................................................................–0.5V to +5.5V
DC Output Current............................................................................... 120mA
Power Dissipation ................................................................................... 0.5W
PI3C3125 14-Pin Configuration
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Vcc
BE3
A3
B3
BE2
A2
B2
BE0
A0
B0
BE1
A1
B1
GND
14-PIN
W14
L14
PI3C3126 16-Pin Configuration
PI3C3125 16-Pin Configuration
PI3C3126 14-Pin Configuration
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Vcc
BE3
A3
B3
BE2
A2
B2
BE0
A0
B0
BE1
A1
B1
GND
14-PIN
W14
L14
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vcc
BE3
A3
B3
BE2
A2
B2
NC
NC
BE0
A0
B0
BE1
A1
B1
GND
16-PIN
Q16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vcc
BE3
A3
B3
BE2
A2
B2
NC
NC
BE0
A0
B0
BE1
A1
B1
GND
16-PIN
Q16
Pin Description
Pin Name
Description
BEn
Switch Enable (PI3C3125)
BEn
Switch Enable (PI3C3126)
A3 - A0
Bus A
B3 - B0
Bus B
VCC
Power
GND
Ground
Truth Table(1)
PI3C3125
BEn
PI3C3126
BEn
An
Bn
VCC
Function
X*
X
Hi-Z
Hi-Z
GND Disconnect
H
L
Hi-Z
Hi-Z
VCC Disconnect
L
H
Bn
An
VCC Disconnect
Note:
1. H = High Voltage Level, L = Low Voltage Level
HI-Z = High Impedance, X = Don’t Care
* A pull-up resistor should be provided for power-up protection.
07-0240


Similar Part No. - PI3C3125LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3125 PERICOM-PI3C3125 Datasheet
193Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3125 PERICOM-PI3C3125 Datasheet
764Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3125QEX PERICOM-PI3C3125QEX Datasheet
764Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
More results

Similar Description - PI3C3125LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3125 PERICOM-PI3C3125 Datasheet
193Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3125QEX PERICOM-PI3C3125QEX Datasheet
764Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126 PERICOM-PI3C3126_10 Datasheet
685Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126LEX PERICOM-PI3C3126LEX Datasheet
632Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3305 PERICOM-PI3C3305 Datasheet
479Kb / 6P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3306UEX PERICOM-PI3C3306UEX Datasheet
789Kb / 7P
   2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Potato Semiconductor Co...
PO3B3306A POTATO-PO3B3306A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3305A POTATO-PO3B3305A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
   Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com