Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3C32X245 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3C32X245
Description  2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C32X245 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3C32X245_11 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C32X245_11 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C32X245_11 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C32X245_11 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C32X245_11 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.pericom.com
PS8401E
01/11/11
All trademarks are property of their respective owners.
PI3C32X245
2.5V/3.3V, High Bandwidth,
Hot Insertion, 16-Bit, 2-Port, Bus Switch
Pericom Semiconductor Corporation • 1-800-435-2336
Packaging Mechanical: 40-pin BQSOP (B)
X.XX
X.XX DENOTES DIMENSION IN MILLIMETERS
DESCRIPTION: 40-Pin, 150-Mil Wide BQSOP
PACKAGE CODE: B
DOCUMENT CONTROL NO.
PD - 1209
REVISION: F
DATE: 03/09/05
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
Notes:
1. Controlling dimensions in millimeters
2. Ref.: JEDEC MO - 154C/BB
3. Package Outline Exclusive of Mold Flash and Metal Burr
Ordering Information
Ordering Code
Package Code
Package Type
PI3C32X245BE
B
Pb-free & Green, 40-pin BQSOP
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
11-0008


Similar Part No. - PI3C32X245_11

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C32X245B PERICOM-PI3C32X245B Datasheet
172Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C32X245BE PERICOM-PI3C32X245BE Datasheet
172Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
More results

Similar Description - PI3C32X245_11

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C32X245 PERICOM-PI3C32X245 Datasheet
172Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C32X384 PERICOM-PI3C32X384 Datasheet
645Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch
PI3C3861-A PERICOM-PI3C3861-A Datasheet
365Kb / 2P
   2.5V/3.3V, High Bandwidth, Hot-Insertion,10-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245 Datasheet
218Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com