Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3B3245SE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B3245SE
Description  3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3245SE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B3245SE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3245SE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3245SE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3245SE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3245SE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.pericom.com
PS8162i
12/08/10
Alltrademarksarepropertyoftheirrespectiveowners.
PI3B3245
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
Power Supply Characteristics
Parameters Description
Test Conditions(1)
Min
Typ (2)
Max
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND or VCC
0.1
3.0
μA
ΔICC
Supply Current
per Input HIGH
VCC = Max.
VIN = 3.0V(3)
750
μA
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (control input only); A and B pins do not contribute to ICC.
Switching Characteristics over Operating Range
Parameters Description
Test Conditions
Com.
Units
Min
Max
tPLH
tPHL
Propagation Delay(1,2)
Ax to Bx, Bx to Ax
CL = 50 pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
BE to Ax or Bx
1.0
4.0
tPHZ
tPLZ
Bus Disable Time
BE to Ax or Bx
1.0
4.5
Notes:
1. This parameter is guaranteed but not tested on Propagation Delays.
2. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load ca-
pacitance. The time constant for the switch alone is of the order of 0.25 ns for 50 pF load. Since this time constant is much smaller
than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus
switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load
on the driven side.
Applications Information
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a + 3.3V supply, AN may be
driven low to 0V and high to 3.6V. Driving BN Rail-to-Rail® minimizes power consumption.
Power-Supply Sequencing and Hot-Plug Information
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC and GND before applying signals to
input/output or control pins.
Rail-to-Rail is a registeredtrademark of Nippon Motorola, Ltd.
10-0247


Similar Part No. - PI3B3245SE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3245SE PERICOM-PI3B3245SE Datasheet
191Kb / 5P
   3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3B3245SE PERICOM-PI3B3245SE Datasheet
672Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
More results

Similar Description - PI3B3245SE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
   3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3B3244 PERICOM-PI3B3244_10 Datasheet
616Kb / 4P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3244 PERICOM-PI3B3244 Datasheet
186Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245QEX PERICOM-PI3B3245QEX Datasheet
672Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
   3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
   3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com