Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A3158B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5A3158B
Description  Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3158B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5A3158B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
2015-02-0003
PT0354-3
07/02/15
1
PI5A3158B
Features
CMOS Technology for Bus and Analog
Applications
Low On-Resistance: 8Ω at 3.0V
Wide VCC Range: 1.65V to 5.5V
Rail-to-Rail Signal Range
Control Input Overvoltage Tolerance: 5.5V(Min)
Fast Transition Speed: 2ns at 5.0V
High Off Isolation: -63dB @ 10MHz
Break-Before-Make Switching
High Bandwidth: 350MHz
Extended Industrial Temperature Range:
-40°C to 85°C
Packaging (Lead Free & Green):
-12-pin TDFN, 3mm×1mm
Pin Assignment
12-pin TDFN
Description
The PI5A3158B is a dual high-bandwidth, fast single-
pole double-throw (SPDT) CMOS switch. It can be used
as an analog switch or as a low-delay bus switch.
Specified over a wide operating power supply voltage
range, 1.65V to 5.5V, the PI5A3158B has a maximum
ON resistance of 12-ohms at 1.65V, 9-ohms at 2.3V &
6-ohms at 4.5V.
Break-before-make switching prevents both switches
being enabled simultaneously. This eliminates signal
disruption during switching.
The control input, S, is independent of supply voltage.
Application
Cell Phones
PDAs
MP3 Players
Portable Instrumentation
Battery powered Communications
Computer Peripherals
Pin Description
Pin No
Name
Description
8, 11
1BX
Data Port (Normally open)
3, 6
GND
Ground
2, 5
0BX
Data Port (Normally closed)
1, 4
AX
Common Output / Data Port
9, 12
VCC
Positive Power Supply
7, 10
SX
Logic Control
Logic Function Table
Logic Input (INX)
Function
0
0BX Connected to AX
1
1BX Connected to AX
Note: x = 1 or 2
VDD
VCC


Similar Part No. - PI5A3158B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PI5A3158ZA PERICOM-PI5A3158ZA Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PI5A3158ZAE PERICOM-PI5A3158ZAE Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
More results

Similar Description - PI5A3158B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
   Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
logo
Pericom Semiconductor C...
PI5A4213 PERICOM-PI5A4213 Datasheet
431Kb / 7P
   Low Voltage Dual SP3T Analog Switch3:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com