Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3V713-A Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3V713-A
Description  3.3V, 7-Channel Analog Video Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V713-A Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI3V713-A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3V713-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V713-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V713-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V713-A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V713-A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V713-A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V713-A Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PS9101
06/29/10
PI3V713-A
3.3V, 7-Channel Analog Video Switch
Notes:
• Thermalcharacteristicscanbefoundonthecompanywebsiteatwww.pericom.com/packaging/
• "E"denotesPb-freeandGreen
• Addingan"X"attheendoftheorderingcodedenotestapeandreelpackaging
Ordering Information
Ordering Code
Package Code
Package Description
PI3V713-AZLE
ZL
Pb-free&Green,32-pinTQFN
PericomSemiconductorCorporation•1-800-435-2336 • www.pericom.com
DESCRIPTION: 32-contact, Thin Fine Pitch Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZL (ZL32)
DOCUMENT CONTROL #: PD-2044
REVISION: A
DATE: 10/09/09
09-0125
Note:
• Forlatestpackageinfo,pleasecheck:http://www.pericom.com/products/packaging/mechanicals.php
10-0192


Similar Part No. - PI3V713-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V713 PERICOM-PI3V713 Datasheet
933Kb / 9P
   3.3V, 7-Channel Analog Video Switch with Automatic Switching
PI3V713ZLE PERICOM-PI3V713ZLE Datasheet
933Kb / 9P
   3.3V, 7-Channel Analog Video Switch with Automatic Switching
More results

Similar Description - PI3V713-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V713 PERICOM-PI3V713 Datasheet
933Kb / 9P
   3.3V, 7-Channel Analog Video Switch with Automatic Switching
PI3V712-A PERICOM-PI3V712-A Datasheet
80Kb / 2P
   3.3V, 7-Channel Analog Video Switch with Dual Control Logic
logo
Texas Instruments
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
STMicroelectronics
STMUX7000 STMICROELECTRONICS-STMUX7000 Datasheet
321Kb / 20P
   7-channel MUX/DEMUX for analog video signal
March 2011 Rev
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
logo
Texas Instruments
TS5A23166 TI1-TS5A23166_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5A4595 TI1-TS5A4595_14 Datasheet
700Kb / 18P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com