Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3USB304 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB304
Description  3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB304 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB304 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB304 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PI3USB304
3.3V USB 3.0 SuperSpeed
Dual 2:1 Mux/DeMux Switch with Enable
www.pericom.com
P-0.1
01/16/13
Pin Description
Pin #
Pin Name I/O
Description
2
3
TX1+
TX1–
I/O
Signal I/O, Channel 0, Port TX1
6
7
RX1+
RX1–
I/O
Signal I/O, Channel 1, Port RX1
11
12
TX2+
TX2–
I/O
Signal I/O, Channel 2, Port TX2
15
16
RX2+
RX2–
I/O
Signal I/O, Channel 3, Port RX2
38
37
TX1A+
TX1A−
I/O
Signal I/O, Channel 0, Port TX1A
36
35
RX1A+
RX1A−
I/O
Signal I/O, Channel 1, Port RX1A
29
28
TX2A+
TX2A−
I/O
Signal I/O, Channel 2, Port TX2A
27
26
RX2A+
RX2A−
I/O
Signal I/O, Channel 3, Port RX2A
34
33
TX1B+
TX1B–
I/O
Signal I/O, Channel 0, Port TX1B
32
31
RX1B+
RX1B–
I/O
Signal I/O, Channel 1, Port RX1B
25
24
TX2B+
TX2B–
I/O
Signal I/O, Channel 2, Port TX2B
23
22
RX2B+
RX2B−
I/O
Signal I/O, Channel 3, Port RX2B
9
SEL
I
SEL=L: path A, SEL=H: path B, see truth table on page 1
5, 8, 13,18, 20, 30,
40, 42
VDD
Pwr
3.3V ±10% Positive Supply Voltage
1, 4, 10, 14, 17, 19,
21, 39, 41, Center
Pad
GND
Pwr
Power ground
12-0315


Similar Part No. - PI3USB304

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
   3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI3USB302-AZBE PERICOM-PI3USB302-AZBE Datasheet
1,002Kb / 9P
   3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI3USB302-AZBEX PERICOM-PI3USB302-AZBEX Datasheet
1,002Kb / 9P
   3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
logo
Diodes Incorporated
PI3USB30532 DIODES-PI3USB30532 Datasheet
414Kb / 1P
   3.3V, USB3.0/DP1.2 6:4 Matrix Switch
More results

Similar Description - PI3USB304

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
   3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
   5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
   USB 3.0, 4:1 Mux/DeMux Switch
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
   3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Pericom Semiconductor C...
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com