Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3USB32 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB32
Description  High-Speed USB 2.0 (480 Mbps) 1-Port Switch with Full Power Down Feature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB32 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB32 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB32 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
PI3USB32
High-Speed USB 2.0 (480 Mbps)
1-port Switch with Full Power Down Feature
PS9010B
03/25/10
Pin Description
Name
Description
OE
Bus-switch enable
D+, D-, HSD+, HSD-
Data ports
NC
No connect
Truth Table
OE
Description
H
Disconnect
L
D+, D- = HSD+, HSD-
Supply Voltage Range (VDD)...............................................–0.5V to +7V
Control Input Voltage Range (VIN)(2)(3) ..............................–0.5V to +7V
VI/O Switch I/O Voltage Range(2)(3)(4)
HSD+, HSD– ..................................................–0.5V to VDD+0.3
D+, D– when VDD > 0 ....................................–0.5V to VDD+0.3
D+, D– when VDD > 0 .........................................................5.25V
Control Input Clamp Current........................................................–50 mA
I/O Port Clamp Current.................................................................–50 mA
ON-state switch current(5).............................................................±64 mA
Continuous current through VDD or GND..................................±100 mA
I/O Port Clamp Current.................................................................–50 mA
Note:
(1) Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
(2) All voltages are with respect to ground, unless otherwise
specified.
(3) The input and output voltage ratings may be exceeded if
the input and output clamp-current ratings are observed.
(4) VI and VO are used to denote specific conditions for VI/O.
(5) II and IO are used to denote specific conditions for II/O.
Absolute Maximum Ratings(1)
(Over operating free-air temperature range unless otherwise noted.)
10-0146


Similar Part No. - PI3USB32

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB3200 DIODES-PI3USB3200 Datasheet
91Kb / 1P
   3.3V, USB3.1 Gen2 and USB2, 3:2 Mux/DeMux
More results

Similar Description - PI3USB32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB31 TI-TS3USB31 Datasheet
650Kb / 17P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Pericom Semiconductor C...
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
   USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
logo
Vishay Siliconix
DG2722 VISHAY-DG2722 Datasheet
130Kb / 8P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. B, 13-Oct-08
DG2720 VISHAY-DG2720_V01 Datasheet
165Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
01-Jan-2022
DG2730 VISHAY-DG2730 Datasheet
179Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. C, 05-Sep-11
DG2730 VISHAY-DG2730_V01 Datasheet
162Kb / 10P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
08-Feb-17
DG2722 VISHAY-DG2722_11 Datasheet
179Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. D, 18-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com