Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3USB14-A Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB14-A
Description  Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB14-A Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB14-A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB14-A Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS9055
11/23/10
PI3USB14-A
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMuxwith Single Enable
DC Electrical Characteristics, 3.3V Supply
Parameters Description
Test Conditions(1)
Min. Typ.(2) Max. Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
1.3
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.6
VIK
Clamp Diode Voltage
VDD = Min., IIN = –18 mA
-1.3
–1.8
IIH
Input HIGH Current
VDD = Max., VIN = VDD
±1
µA
IIL
Input LOW Current
VDD = Max., VIN = GND
±1
IOZH
High Impedance Output Current 0 ≤ Y, In ≤ VDD
±1
RON
Switch On-Resistance(4)
VDD = Min., -0.4V ≤ Vinput ≤ 0.4V,
ION = -40mA
4
6
0V ≤ Vinput ≤ VDD, ION = -40mA
5
8
Storage Temperature ................................................ –65°C to +150°C
Ambient Temperature with Power Applied ............... –40°C to +85°C
Supply Voltage to Ground Potential ........................... –0.5V to +4.6V
DC Input Voltage ........................................................ –0.5V to +6.0V
DC Output Current................................................................... 120mA
Power Dissipation ........................................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
(Over the Operating Range, TA = –40°C to +85°C, VDD = 3.3V ±10%)
11-0013


Similar Part No. - PI3USB14-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB14 PERICOM-PI3USB14 Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14L PERICOM-PI3USB14L Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14LE PERICOM-PI3USB14LE Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14Q PERICOM-PI3USB14Q Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14QE PERICOM-PI3USB14QE Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
More results

Similar Description - PI3USB14-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB14 PERICOM-PI3USB14 Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3CH281 PERICOM-PI3CH281 Datasheet
490Kb / 9P
   Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A Datasheet
576Kb / 6P
   4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB20 PERICOM-PI3USB20 Datasheet
343Kb / 6P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PI3USB20LEX PERICOM-PI3USB20LEX Datasheet
380Kb / 6P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
   3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
   2 channel 4:1 Mux/DeMux with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com