Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRLU43N06H Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # HRLU43N06H
Description  Enhanced Avalanche Ruggedness
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRLU43N06H Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  HRLU43N06H Datasheet HTML 1Page - SemiHow Co.,Ltd. HRLU43N06H Datasheet HTML 2Page - SemiHow Co.,Ltd. HRLU43N06H Datasheet HTML 3Page - SemiHow Co.,Ltd. HRLU43N06H Datasheet HTML 4Page - SemiHow Co.,Ltd. HRLU43N06H Datasheet HTML 5Page - SemiHow Co.,Ltd. HRLU43N06H Datasheet HTML 6Page - SemiHow Co.,Ltd. HRLU43N06H Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Typical Characteristics (continued)
Figure 7. On-Resistance Variation
vs Gate-Source Voltage
Figure 8. On-Resistance Variation
vs Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
0
25
50
75
100
125
150
175
200
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
V
GS = 4.5V
V
GS = 10V
I
D = 20A
Temperature (
oC)


Similar Part No. - HRLU43N06H

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLU120N10H SEMIHOW-HRLU120N10H Datasheet
277Kb / 7P
   Enhanced Avalanche Ruggedness
logo
SHENZHEN DOINGTER SEMIC...
HRLU370N10K DOINGTER-HRLU370N10K Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HRLU85N10H SEMIHOW-HRLU85N10H Datasheet
279Kb / 7P
   Enhanced Avalanche Ruggedness
More results

Similar Description - HRLU43N06H

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLO120N10H SEMIHOW-HRLO120N10H Datasheet
504Kb / 7P
   Enhanced Avalanche Ruggedness
HRP105N15H SEMIHOW-HRP105N15H Datasheet
171Kb / 7P
   Enhanced Avalanche Ruggedness
HRLP43N06H SEMIHOW-HRLP43N06H Datasheet
248Kb / 7P
   Enhanced Avalanche Ruggedness
HRLU85N10H SEMIHOW-HRLU85N10H Datasheet
279Kb / 7P
   Enhanced Avalanche Ruggedness
HRLU120N10H SEMIHOW-HRLU120N10H Datasheet
277Kb / 7P
   Enhanced Avalanche Ruggedness
HRLS43N06H SEMIHOW-HRLS43N06H Datasheet
199Kb / 7P
   Enhanced Avalanche Ruggedness
HRS105N15H SEMIHOW-HRS105N15H Datasheet
175Kb / 7P
   Enhanced Avalanche Ruggedness
HRW105N15H SEMIHOW-HRW105N15H Datasheet
281Kb / 8P
   Enhanced Avalanche Ruggedness
HRLI43N06H SEMIHOW-HRLI43N06H Datasheet
290Kb / 7P
   Enhanced Avalanche Ruggedness
HRLO85N10H SEMIHOW-HRLO85N10H Datasheet
545Kb / 7P
   Enhanced Avalanche Ruggedness
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com