Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRLP80N06K Datasheet(PDF) 6 Page - SemiHow Co.,Ltd.

Part # HRLP80N06K
Description  Originative New Design
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRLP80N06K Datasheet(HTML) 6 Page - SemiHow Co.,Ltd.

  HRLP80N06K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRLP80N06K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRLP80N06K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRLP80N06K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRLP80N06K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRLP80N06K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRLP80N06K Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
◎ SEMIHOW REV.A0,Sep 2015
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
V
GS
• dv/dt controlled by R
G
• I
S controlled by pulse period
V
DD
L
I
S
10V
V
GS
( Driver )
I
S
( DUT )
V
DS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
V
f
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Similar Part No. - HRLP80N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLP120N10H SEMIHOW-HRLP120N10H Datasheet
491Kb / 7P
   100V N-Channel Trench MOSFET
HRLP125N06K SEMIHOW-HRLP125N06K Datasheet
815Kb / 8P
   Superior Avalanche Rugged Technology
HRLP150N10K SEMIHOW-HRLP150N10K Datasheet
217Kb / 7P
   Originative New Design
HRLP33N03K SEMIHOW-HRLP33N03K Datasheet
995Kb / 8P
   Superior Avalanche Rugged Technology
HRLP370N10K SEMIHOW-HRLP370N10K Datasheet
1,005Kb / 8P
   Superior Avalanche Rugged Technology
More results

Similar Description - HRLP80N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLP150N10K SEMIHOW-HRLP150N10K Datasheet
217Kb / 7P
   Originative New Design
HCD70R1K4P SEMIHOW-HCD70R1K4P Datasheet
199Kb / 7P
   Originative New Design
HRLD80N06K SEMIHOW-HRLD80N06K Datasheet
265Kb / 8P
   Originative New Design
logo
Texas Instruments
UCC2751 TI1-UCC2751_10 Datasheet
2Mb / 9P
[Old version datasheet]   Not Recommended for New Design
UCC2570DTR TI1-UCC2570DTR Datasheet
3Mb / 13P
[Old version datasheet]   Not Recommended for New Design
logo
List of Unclassifed Man...
6816INS ETC-6816INS Datasheet
4Mb / 2P
   Same Klein Quality, brand new design
Rev. 09/22 A
logo
NXP Semiconductors
MC9S08PT60 NXP-MC9S08PT60 Datasheet
940Kb / 41P
   MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
logo
EPCOS
B32921A2104M EPCOS-B32921A2104M Datasheet
326Kb / 10P
   EMI Suppression Capacitors (MKP) Not for new design
logo
NXP Semiconductors
MC9S08PA16 NXP-MC9S08PA16 Datasheet
757Kb / 36P
   MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com