Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3203-8.5 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3203-8.5
Description  8.5 MHz Bidirectional Absorptive Notch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3203-8.5 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3203-8.5 Datasheet HTML 1Page - KR Electronics, Inc. 3203-8.5 Datasheet HTML 2Page - KR Electronics, Inc. 3203-8.5 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3203-8.5, 8.5 MHz Notch, Rev 0
KR Electronics, Inc.
KR Electronics part number 3203-8.5 is a 8.5 MHz Bidirec-
tional Absorptive Notch filter. The filter has a 1.25 dB band-
width of 3 MHz max. Other notch frequencies and are band-
widths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 8.5 MHz Bidirectional Absorptive
Notch
 Low VSWR even in Notch
 High Notch Rejection
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-2500
(732) 636-2582
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3203-8.5

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3203-12 KR-3203-12 Datasheet
65Kb / 3P
   12 MHz Bidirectional Absorptive Notch
More results

Similar Description - 3203-8.5

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3203-12 KR-3203-12 Datasheet
65Kb / 3P
   12 MHz Bidirectional Absorptive Notch
3203 KR-3203 Datasheet
63Kb / 3P
   10 MHz Bidirectional Absorptive
3092 KR-3092 Datasheet
57Kb / 3P
   40 MHz Absorptive Notch Absorptive in both directions forward and reverse
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
   160 MHz Notch Filter
logo
TriQuint Semiconductor
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
   782 MHz Notch Filter
logo
KR Electronics, Inc.
3168-1435 KR-3168-1435 Datasheet
81Kb / 3P
   1435 MHz Notch Filter
logo
TriQuint Semiconductor
857031 TRIQUINT-857031_15 Datasheet
644Kb / 7P
   826 MHz Notch Filter
logo
KR Electronics, Inc.
3252-N KR-3252-N Datasheet
83Kb / 3P
   3.65 MHz Notch Frequency
logo
TriQuint Semiconductor
857061 TRIQUINT-857061_15 Datasheet
624Kb / 6P
   782 MHz Notch Filter
logo
KR Electronics, Inc.
2606-SMA KR-2606-SMA Datasheet
93Kb / 3P
   5 MHz Notch Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com