Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3131-16.6 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 3131-16.6
Description  16.6 MHz Center Frequency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3131-16.6 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  3131-16.6 Datasheet HTML 1Page - KR Electronics, Inc. 3131-16.6 Datasheet HTML 2Page - KR Electronics, Inc. 3131-16.6 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
© 2014, KR Electronics, Inc.
3131-16.6, 16.6 MHz Bandpass, Rev 0, February 14, 2014
Passband Amplitude & Group Delay
(1 dB/div & 200 nsec/div)
KR Electronics, Inc.
Typical Performance
KR Electronics, Inc.
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax


Similar Part No. - 3131-16.6

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3131-166 KR-3131-166 Datasheet
87Kb / 3P
   16.6 MHz Center Frequency
More results

Similar Description - 3131-16.6

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3131-166 KR-3131-166 Datasheet
87Kb / 3P
   16.6 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
   800 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
   500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
   140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
   210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
   975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
   42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
   3 MHz Center Frequency
2574-SMA KR-2574-SMA Datasheet
59Kb / 2P
   20 MHz Center Frequency
2965-SMA KR-2965-SMA Datasheet
75Kb / 3P
   500 MHz Center Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com