Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV341IDCKTG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV341IDCKTG4
Description  Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV341IDCKTG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLV341IDCKTG4 Datasheet HTML 1Page - Texas Instruments TLV341IDCKTG4 Datasheet HTML 2Page - Texas Instruments TLV341IDCKTG4 Datasheet HTML 3Page - Texas Instruments TLV341IDCKTG4 Datasheet HTML 4Page - Texas Instruments TLV341IDCKTG4 Datasheet HTML 5Page - Texas Instruments TLV341IDCKTG4 Datasheet HTML 6Page - Texas Instruments TLV341IDCKTG4 Datasheet HTML 7Page - Texas Instruments TLV341IDCKTG4 Datasheet HTML 8Page - Texas Instruments TLV341IDCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
V+
VO
+
VI
+
C = 200 pF
V+
Sample
Clock
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV341, TLV341A, TLV342, TLV342S
SLVS568D – JANUARY 2005 – REVISED APRIL 2016
TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
With Shutdown
1
1 Features
1
1.8-V and 5-V Performance
Low Offset (A Grade)
1.25 mV Maximum (25°C)
1.7 mV Maximum (–40°C to 125°C)
Rail-to-Rail Output Swing
Wide Common-Mode Input Voltage Range: –0.2 V
to (V+ – 0.5 V)
Input Bias Current: 1 pA (Typical)
Input Offset Voltage: 0.3 mV (Typical)
Low Supply Current: 70
μA/Channel
Low Shutdown Current:
10 pA (Typical) Per Channel
Gain Bandwidth: 2.3 MHz (Typical)
Slew Rate: 0.9 V/
μs (Typical)
Turnon Time From Shutdown: 5
μs (Typical)
Input Referred Voltage Noise (at 10 kHz):
20 nV/
√Hz
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (HBM)
750-V Charged-device model (CDM)
2 Applications
Cellular Phones
Consumer Electronics (Laptops)
Audio Preamplifier for Voice
Portable and Battery-Powered Electronic
Equipment
Supply Current Monitoring
Battery Monitoring
Buffers
Filters
3 Description
The TLV34xx devices are single and dual CMOS
operational amplifiers, respectively, with low-voltage,
low-power, and rail-to-rail output swing capabilities.
The PMOS input stage offers an ultra-low input bias
current of 1 pA (typical) and an offset voltage of
0.3 mV (typical). For applications requiring excellent
dc precision, the A grade (TLV34xA) has a low offset
voltage of 1.25 mV (maximum) at 25°C.
These
single-supply
amplifiers
are
designed
specifically for ultra-low-voltage (1.5 V to 5 V)
operation, with a common-mode input voltage range
that typically extends from –0.2 V to 0.5 V from the
positive supply rail.
The TLV341 (single) and TLV342 (dual) in the RUG
package also offer a shutdown (SHDN) pin that can
be used to disable the device. In shutdown mode, the
supply current is reduced to 45 pA (typical). Offered
in both the SOT-23 and smaller SC70 packages, the
TLV341 is suitable for the most space-constrained
applications. The dual TLV342 is offered in the
standard SOIC, VSSOP, and X2QFN packages.
An extended industrial temperature range from –40°C
to 125°C makes the TLV34xx suitable in a wide
variety of commercial and industrial applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV341
SOT-23 (6)
2.90 mm × 1.60 mm
SC70 (6)
2.00 mm × 1.25 mm
SOT (6)
1.60 mm × 1.20 mm
TLV342
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
X2QFN (10)
1.50 mm × 2.00 mm
TLV342S
X2QFN (10)
1.50 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Sample and Hold Circuit Using Two TLV341


Similar Part No. - TLV341IDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341IDCKTG4 TI-TLV341IDCKTG4 Datasheet
967Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341IDCKTG4 TI-TLV341IDCKTG4 Datasheet
1,002Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIT OUTPUT CMOS OPERATIONAL AMPLIFIERS
TLV341IDCKTG4 TI-TLV341IDCKTG4 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341IDCKTG4 TI-TLV341IDCKTG4 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV341IDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com