Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA211-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA211-Q1
Description  Automotive-Grade, Voltage Output, Low- or High-Side Measurement
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA211-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA211-Q1 Datasheet HTML 7Page - Texas Instruments INA211-Q1 Datasheet HTML 8Page - Texas Instruments INA211-Q1 Datasheet HTML 9Page - Texas Instruments INA211-Q1 Datasheet HTML 10Page - Texas Instruments INA211-Q1 Datasheet HTML 11Page - Texas Instruments INA211-Q1 Datasheet HTML 12Page - Texas Instruments INA211-Q1 Datasheet HTML 13Page - Texas Instruments INA211-Q1 Datasheet HTML 14Page - Texas Instruments INA211-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Time (100 ms/div)
0 V
Output Voltage
Supply Voltage
Time (100 ms/div)
0 V
Supply Voltage
Output Voltage
Time (250 ms/div)
0V
Output
Inverting Input Overload
Time (250 ms/div)
0 V
Noninverting Input Overload
Output
11
INA210-Q1, INA211-Q1, INA212-Q1, INA213-Q1, INA214-Q1, INA215-Q1
www.ti.com
SBOS475G – MARCH 2009 – REVISED MAY 2016
Product Folder Links: INA210-Q1 INA211-Q1 INA212-Q1 INA213-Q1 INA214-Q1 INA215-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
the INA210-Q1 is used for typical characteristics at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2 (unless otherwise
noted)
VS = 5 V, VREF = 2.5 V, VCM = 12 V
Figure 19. Inverting Differential Input Overload
VS = 5 V, VREF = 2.5 V, VCM = 12 V
Figure 20. Noninverting Differential Input Overload
VS = 5 V, VREF = 2.5 V, 1-kHz step with VDIF = 0 V
Figure 21. Start-Up Response
VS = 5 V, VREF = 2.5 V, 1-kHz step with VDIF = 0 V
Figure 22. Brownout Recovery


Similar Part No. - INA211-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA211-Q1 TI1-INA211-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
More results

Similar Description - INA211-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI1-INA210_16 Datasheet
1Mb / 40P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional
INA212-Q1 TI1-INA212-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
INA230 TI-INA230 Datasheet
846Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA300-Q1 TI1-INA300-Q1 Datasheet
162Kb / 5P
[Old version datasheet]   Automotive-Grade, High- or Low-Side, Current-Sense Comparator
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA190 TI1-INA190 Datasheet
369Kb / 20P
[Old version datasheet]   Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com