Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS6212IRHFT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS6212IRHFT
Description  Differential, Line-Driver Amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6212IRHFT Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS6212IRHFT Datasheet HTML 4Page - Texas Instruments THS6212IRHFT Datasheet HTML 5Page - Texas Instruments THS6212IRHFT Datasheet HTML 6Page - Texas Instruments THS6212IRHFT Datasheet HTML 7Page - Texas Instruments THS6212IRHFT Datasheet HTML 8Page - Texas Instruments THS6212IRHFT Datasheet HTML 9Page - Texas Instruments THS6212IRHFT Datasheet HTML 10Page - Texas Instruments THS6212IRHFT Datasheet HTML 11Page - Texas Instruments THS6212IRHFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
THS6212
SBOS758 – MAY 2016
www.ti.com
Product Folder Links: THS6212
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Test levels: (A) 100% tested at 25°C. Overtemperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
6.6 Electrical Characteristics: VS = ±6 V
at TA = 25°C, GDIFF = 5 V/V with RL = 100-Ω differential load, RADJ = 0 Ω, and full bias (unless otherwise noted); see Figure 81
for setup
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
AC PERFORMANCE
SSBW
Small-signal bandwidth, –3 dB
GDIFF = 5 V/V , RF = 1.82 kΩ, VO = 2 VPP
140
MHz
C
GDIFF = 10 V/V , RF = 1.5 kΩ, VO = 2 VPP
110
140
B
TA = –40°C to +85°C
95
0.1-dB bandwidth flatness
GDIFF = 5 V/V , RF = 1.82 kΩ
100
MHz
C
LSBW
Large-signal bandwidth
GDIFF = 5 V/V , RF = 1.82 kΩ, VO = 16 VPP
120
MHz
C
SR
Slew rate (10% to 90% level)
GDIFF = 5 V/V, VO = 10-V step, differential
1200
1600
V/µs
B
TA = –40°C to +85°C
1000
B
Rise and fall time
GDIFF = 5 V/V, VO = 2 VPP
5
ns
C
HD2
2nd-order harmonic distortion
GDIFF = 5 V/V,
VO = 2 VPP,
RL = 100-Ω
differential
Full bias
–98
–92
dBc
B
TA = –40°C to +85°C
–87
B
Low bias
–93
C
Full bias
–80
–75
B
TA = –40°C to +85°C
–68
B
Low bias
–74
C
HD3
3rd-order harmonic distortion
GDIFF = 5 V/V,
VO = 2 VPP,
RL = 100-Ω
differential
Full bias
–93
–84
dBc
B
TA = –40°C to +85°C
–79
B
Low bias
–89
C
Full bias
–66
–60
B
TA = –40°C to +85°C
–54
B
Low bias
–55
C
en
Differential input voltage noise
f = 1 MHz, input-referred
2.5
3.0
nV/
√Hz
B
TA = –40°C to +85°C
3.3
B
in+
Differential noninverting current
noise
f = 1 MHz
1.2
1.4
pA/
√Hz
B
TA = –40°C to +85°C
1.6
B
in-
Differential inverting current noise
f = 1 MHz
17
20
pA/
√Hz
B
TA = –40°C to +85°C
24
B
DC PERFORMANCE
ZOL
Open-loop transimpedance gain
RL = 100 Ω
330
650
k
Ω
A
TA = –40°C to +85°C
300
B
Input offset voltage
±10
±45
mV
A
TA = –40°C to +85°C
±55
B
Input offset voltage drift
TA = –40°C to +85°C
±155
µV/°C
B
Input offset voltage matching
Channels 1 to 2
±0.5
±5
mV
A
TA = –40°C to +85°C
±7
B
Noninverting input bias current
±1
±3.5
µA
A
TA = –40°C to +85°C
±5.5
B
Noninverting input bias current drift
TA = –40°C to +85°C
±30
nA/°C
B
Inverting input bias current
±8
±45
µA
A
TA = –40°C to +85°C
±55
B
Inverting input bias current drift
TA = –40°C to +85°C
±135
nA/°C
B
Inverting input bias current
matching
±8
±30
µA
A
TA = –40°C to +85°C
±40
B


Similar Part No. - THS6212IRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6212IRHFT TI1-THS6212IRHFT Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
More results

Similar Description - THS6212IRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
Elantec Semiconductor
EL1504C ELANTEC-EL1504C Datasheet
161Kb / 2P
   Differential Line Driver
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_13 Datasheet
91Kb / 11P
   Differential Line Driver
logo
Texas Instruments
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
   Differential Line Driver/Receiver
logo
Intersil Corporation
EL1508 INTERSIL-EL1508_07 Datasheet
404Kb / 18P
   Differential DSL Line Driver
logo
Texas Instruments
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com