Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS6212IRHFT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS6212IRHFT
Description  Differential, Line-Driver Amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6212IRHFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS6212IRHFT Datasheet HTML 3Page - Texas Instruments THS6212IRHFT Datasheet HTML 4Page - Texas Instruments THS6212IRHFT Datasheet HTML 5Page - Texas Instruments THS6212IRHFT Datasheet HTML 6Page - Texas Instruments THS6212IRHFT Datasheet HTML 7Page - Texas Instruments THS6212IRHFT Datasheet HTML 8Page - Texas Instruments THS6212IRHFT Datasheet HTML 9Page - Texas Instruments THS6212IRHFT Datasheet HTML 10Page - Texas Instruments THS6212IRHFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7
THS6212
www.ti.com
SBOS758 – MAY 2016
Product Folder Links: THS6212
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics: VS = ±12 V (continued)
at TA = 25°C, GDIFF = 10 V/V with RL = 100-Ω differential load, RADJ = 0 Ω, and full bias (unless otherwise noted); see
Figure 81 for setup
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
(2)
The GND pin usable range is from VS– to (VS+ – 5 V).
BIAS CONTROL
Bias control pin logic threshold
Logic 1, with respect to GND(2),
TA = –40°C to +85°C
1.9
V
B
Logic 0, with respect to GND(2),
TA = –40°C to +85°C
0.8
B
Bias control pin quiescent current
BIAS-1, BIAS-2 = 0.5 V (logic 0)
20
30
µA
A
TA = –40°C to +85°C
35
B
BIAS-1, BIAS-2 = 3.3 V (logic 1)
0.3
1
A
TA = –40°C to +85°C
1.2
B
Bias pin input impedance
50
k
Ω
C
Amplifier output impedance
Off bias (BIAS-1 = 1, BIAS-2 = 1)
10 || 5
k
Ω || pF
C


Similar Part No. - THS6212IRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6212IRHFT TI1-THS6212IRHFT Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
More results

Similar Description - THS6212IRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
Elantec Semiconductor
EL1504C ELANTEC-EL1504C Datasheet
161Kb / 2P
   Differential Line Driver
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_13 Datasheet
91Kb / 11P
   Differential Line Driver
logo
Texas Instruments
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
   Differential Line Driver/Receiver
logo
Intersil Corporation
EL1508 INTERSIL-EL1508_07 Datasheet
404Kb / 18P
   Differential DSL Line Driver
logo
Texas Instruments
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com