Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM98725CCMTX Datasheet(PDF) 11 Page - Texas Instruments

Part # LM98725CCMTX
Description  3 Channel, 16-Bit, 81 MSPS Analog Front End
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98725CCMTX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM98725CCMTX Datasheet HTML 7Page - Texas Instruments LM98725CCMTX Datasheet HTML 8Page - Texas Instruments LM98725CCMTX Datasheet HTML 9Page - Texas Instruments LM98725CCMTX Datasheet HTML 10Page - Texas Instruments LM98725CCMTX Datasheet HTML 11Page - Texas Instruments LM98725CCMTX Datasheet HTML 12Page - Texas Instruments LM98725CCMTX Datasheet HTML 13Page - Texas Instruments LM98725CCMTX Datasheet HTML 14Page - Texas Instruments LM98725CCMTX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 145 page
background image
LM98725
www.ti.com
SNAS474H – APRIL 2009 – REVISED MARCH 2015
6.5 AC Timing Specifications
The following specifications apply for VA = VD = VR = VC = 3.3 V, CL = 10 pF, and fINCLK = 27 MHz unless otherwise
specified. All other limits TA = 25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
INPUT CLOCK TIMING SPECIFICATIONS
27
0.66
(Mode 3)
30
INCLK = PIXCLK (Pixel Rate Clock)
1
MHz
(Mode 2)
30
1
(Mode 1)
fINCLK
Input Clock Frequency
81
2
(Mode 3)
60
INCLK = ADCCLK (ADC Rate Clock)
2
MHz
(Mode 2)
30
2
(Mode 1)
Tdc
Input Clock Duty Cycle
40/60%
50/50%
60/40%
FULL CHANNEL LATENCY SPECIFICATIONS
3 Channel Mode Pipeline Delay
PIXPHASE0
24
Figure 54 (LVDS)
PIXPHASE1
23.5
tLAT3
TADC
Figure 59 (CMOS)
PIXPHASE2
23
PIXPHASE3
22.5
2 Channel Mode Pipeline Delay
PIXPHASE0
21
Figure 55 (LVDS)
PIXPHASE1
20.5
tLAT2
TADC
Figure 60 (CMOS)
PIXPHASE2
20
PIXPHASE3
19.5
1 Channel Mode Pipeline Delay
PIXPHASE0
19
Figure 56 (LVDS)
PIXPHASE1
18.5
tLAT1
TADC
Figure 61 (CMOS)
PIXPHASE2
18
PIXPHASE3
17.5
(1)
The analog inputs are protected as shown in Figure 2. Input voltage magnitudes beyond the supply rails will not damage the device,
provided the current is limited per Note 4 under the Absolute Maximum Ratings Table. However, input errors will be generated If the
input goes above VA and below AGND.
(2)
Test limits are specified to AOQL (Average Outgoing Quality Level).
(3)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM98725


Similar Part No. - LM98725CCMTX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
More results

Similar Description - LM98725CCMTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
logo
Texas Instruments
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com