Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199C3QDCKRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA199C3QDCKRQ1
Description  Current-Shunt Monitor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199C3QDCKRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  INA199C3QDCKRQ1 Datasheet HTML 1Page - Texas Instruments INA199C3QDCKRQ1 Datasheet HTML 2Page - Texas Instruments INA199C3QDCKRQ1 Datasheet HTML 3Page - Texas Instruments INA199C3QDCKRQ1 Datasheet HTML 4Page - Texas Instruments INA199C3QDCKRQ1 Datasheet HTML 5Page - Texas Instruments INA199C3QDCKRQ1 Datasheet HTML 6Page - Texas Instruments INA199C3QDCKRQ1 Datasheet HTML 7Page - Texas Instruments INA199C3QDCKRQ1 Datasheet HTML 8Page - Texas Instruments INA199C3QDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01 F
m
to
0.1 F
m
2.7 V to 26 V
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
R
1
R
3
R
2
R
4
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA199-Q1
SBOS781A – MARCH 2016 – REVISED MAY 2016
INA199-Q1 Automotive, 26-V, Bidirectional, Zero-Drift, Low- or High-Side,
Voltage-Output, Current-Shunt Monitor
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C6
Wide Common-Mode Range: –0.1 V to 26 V
Offset Voltage: ±150
μV (Maximum)
(Enables Shunt Drops of 10-mV Full-Scale)
Accuracy:
±1.5% Gain Error (Maximum Over
Temperature)
0.5-
μV/°C Offset Drift (Maximum)
10-ppm/°C Gain Drift (Maximum)
Choice of Gains:
INA199B1-Q1: 50 V/V
INA199B2-Q1: 100 V/V
INA199B3-Q1: 200 V/V
Quiescent Current: 100
μA (Maximum)
Package: 6-Pin SC70
2 Applications
Mirrors
Brake Systems
EGR Valves
Power Seats
Body Control Modules
Electric Windows
Seat Heaters
Wireless Charging
3 Description
The INA199-Q1 family is a series of voltage-output,
current-sense amplifiers that can sense drops across
shunts at common-mode voltages from –0.1 V to
26 V, independent of the supply voltage. Three fixed
gains are available: 50 V/V, 100 V/V, and 200 V/V.
The low offset of the zero-drift architecture enables
current sensing with maximum drops across the
shunt as low as 10-mV full-scale.
These devices operate from a single 2.7-V to 26-V
power supply, drawing a maximum of 100
μA of
supply current. All versions are specified from –40°C
to +125°C, and are offered in a 6-pin SC70 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA199-Q1
SC70 (6)
2.00 mm × 1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - INA199C3QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199C3DCKR TI1-INA199C3DCKR Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA199C3DCKT TI1-INA199C3DCKT Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA199C3RSWR TI1-INA199C3RSWR Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA199C3RSWT TI1-INA199C3RSWT Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
More results

Similar Description - INA199C3QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Current Shunt Monitor
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com