Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC6311IDCKTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6311IDCKTG4
Description  12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC6311IDCKTG4 Datasheet(HTML) 5 Page - Texas Instruments

  DAC6311IDCKTG4 Datasheet HTML 1Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 2Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 3Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 4Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 5Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 6Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 7Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 8Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
DAC5311, DAC6311, DAC7311
www.ti.com
SBAS442C – AUGUST 2008 – REVISED JULY 2015
7.5 Electrical Characteristics
at AVDD = 2.0 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, and TA = –40°C to +125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
DAC5311
8
Bits
DAC6311
Resolution
10
Bits
DAC7311
12
Bits
Measured by the line passing through
DAC5311
±0.01
±0.25
LSB
codes 3 and 252
Measured by the line passing through
DAC6311
Relative accuracy
±0.06
±0.5
LSB
codes 12 and 1012
Measured by the line passing through
DAC7311
±0.3
±1
LSB
codes 30 and 4050
DAC5311
±0.01
±0.25
LSB
Differential
DAC6311
±0.03
±0.5
LSB
nonlinearity
DAC7311
±0.2
±1
LSB
Measured by the line passing through two
Offset error
±0.05
±4
mV
codes(2)
Offset error drift
3
μV/°C
Zero code error
All zeros loaded to the DAC register
0.2
mV
% of
Full-scale error
All ones loaded to DAC register
0.04
0.2
FSR
% of
Gain error
0.05
±0.15
FSR
AVDD = 5 V
±0.5
ppm of
Gain temperature coefficient
FSR/°C
AVDD = 2.0 V
±1.5
OUTPUT CHARACTERISTICS
Output voltage range
0
AVDD
V
RL = 2 kΩ, CL = 200 pF, AVDD = 5 V,
6
10
μs
1/4 scale to 3/4 scale
Output voltage settling time(3)
RL = 2 MΩ, CL = 470 pF
12
μs
Slew rate
0.7
V/
μs
RL = ∞
470
pF
Capacitive load stability
RL = 2 kΩ
1000
pF
Code change glitch impulse
1 LSB change around major carry
0.5
nV-s
Digital feedthrough
0.5
nV-s
Power-on glitch impulse
RL = 2 kΩ, CL = 200 pF, AVDD = 5 V
17
mV
DC output impedance
0.5
AVDD = 5 V
50
mA
Short circuit current
AVDD = 3 V
20
mA
Power-up time
Coming out of power-down mode
50
μs
(1)
Linearity calculated using a reduced code range of 3 to 252 for 8-bit, 12 to 1012 for 10bit, and 30 to 4050 for 12-bit, output unloaded.
(2)
Straight line passing through codes 3 and 252 for 8-bit, 12 and 1012 for 10-bit, and 30 and 4050 for 12-bit, output unloaded.
(3)
Specified by design and characterization, not production tested.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC5311 DAC6311 DAC7311


Similar Part No. - DAC6311IDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC6311IDCKTG4 TI1-DAC6311IDCKTG4 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

Similar Description - DAC6311IDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI1-DAC8311 Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com