Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1220 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1220
Description  Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1220 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1220_15 Datasheet HTML 4Page - Texas Instruments ADS1220_15 Datasheet HTML 5Page - Texas Instruments ADS1220_15 Datasheet HTML 6Page - Texas Instruments ADS1220_15 Datasheet HTML 7Page - Texas Instruments ADS1220_15 Datasheet HTML 8Page - Texas Instruments ADS1220_15 Datasheet HTML 9Page - Texas Instruments ADS1220_15 Datasheet HTML 10Page - Texas Instruments ADS1220_15 Datasheet HTML 11Page - Texas Instruments ADS1220_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
Hi-Z
Hi-Z
CS
SCLK
DOUT/DRDY
tp(CSDO)
tp(SCDO)
tp(CSDOZ)
CS
SCLK
DIN
ttd(CSSC)t
ttc(SC)t
ttd(SCCS)t
tw(CSH)
tw(SCH)
tw(SCL)
tsu(DI)
th(DI)
ADS1220
SBAS501B – MAY 2013 – REVISED FEBRUARY 2015
www.ti.com
6.6 SPI Timing Requirements
over operating ambient temperature range and DVDD = 2.3 V to 5.5 V (unless otherwise noted)
MIN
MAX
UNIT
td(CSSC)
Delay time, CS falling edge to first SCLK rising edge(1)
50
ns
td(SCCS)
Delay time, final SCLK falling edge to CS rising edge
25
ns
tw(CSH)
Pulse duration, CS high
50
ns
tc(SC)
SCLK period
150
ns
tw(SCH)
Pulse duration, SCLK high
60
ns
tw(SCL)
Pulse duration, SCLK low
60
ns
tsu(DI)
Setup time, DIN valid before SCLK falling edge
50
ns
th(DI)
Hold time, DIN valid after SCLK falling edge
25
ns
Normal mode, duty-cycle mode
13955
t(MOD)
SPI timeout(2)
Turbo mode
27910
t(MOD)
(1)
CS can be tied low permanently in case the serial bus is not shared with any other device.
(2)
See the SPI Timeout section for more information.
t(MOD) = 1 / f(MOD). Modulator frequency f(MOD) = 256 kHz (normal mode, duty-cycle mode) and 512 kHz (turbo mode), when using the
internal oscillator or an external 4.096-MHz clock.
NOTE: Single-byte communication is shown. Actual communication may be multiple bytes.
Figure 1. Serial Interface Timing Requirements
6.7 SPI Switching Characteristics
over operating ambient temperature range, DVDD = 2.3 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay time,
tp(CSDO)
DOUT load = 20 pF || 10 k
Ω to DGND
50
ns
CS falling edge to DOUT driven
Propagation delay time,
tp(SCDO)
DOUT load = 20 pF || 10 k
Ω to DGND
0
50
ns
SCLK rising edge to valid new DOUT
Propagation delay time,
tp(CSDOZ)
DOUT load = 20 pF || 10 k
Ω to DGND
50
ns
CS rising edge to DOUT high impedance
NOTE: Single-byte communication is shown. Actual communication may be multiple bytes.
Figure 2. Serial Interface Switching Characteristics
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ADS1220


Similar Part No. - ADS1220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Similar Description - ADS1220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI1-ADS1120_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
logo
Analog Devices
AD7796 AD-AD7796 Datasheet
552Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
REV. A
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26132AVZ INTERSIL-ISL26132AVZ Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com