Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD-1000H-28 Datasheet(PDF) 2 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # TSD-1000H-28
Description  1000 WATT SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

TSD-1000H-28 Datasheet(HTML) 2 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  TSD-1000H-28 Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. TSD-1000H-28 Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL SELECTION
division of
APPLIED POWER CONVERSION
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
Website: www.theallpower.com
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
OPTION DESIGNATIONS
NOTE: OTHER VOLTAGES & CURRENTS AVAILABLE. CONSULT THE FACTORY.
19-72 VDC INPUT
TSD-1000L-12
TSD-1000L-24
TSD-1000L-28
TSD-1000L-48
MODEL NUMBER
12V
60A
24V
40A
37A
28V
21A
48V
CURRENT
VOLTAGE
72-144 VDC INPUT
TSD-1000H-12
TSD-1000H-24
TSD-1000H-28
TSD-1000H-48
MODEL NUMBER
12V
60A
24V
40A
37A
28V
21A
48V
CURRENT
VOLTAGE
MECHANICAL OUTLINE
HRSDF11-10DP-2DS
MATING CONNECTOR
HRSDF11-10DS
PIN P/N: JSTSPHD-002T-PO.5
- HSP
Hot Swap
- ORD
Redundant Operation
- PAR
Parallel Operation
-CC
Conformal Coating
- MIL
Ruggedized/Militarized
- PNL
Panel Mount
-RK
Rack Mount


Similar Part No. - TSD-1000H-28

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
TSD-1003 PMI-TSD-1003 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
logo
Technology Dynamics Inc...
TSD-100A-05 TECHNOLOGY-TSD-100A-05 Datasheet
268Kb / 2P
   DC TO DC CONVERTERS
TSD-100A-12 TECHNOLOGY-TSD-100A-12 Datasheet
268Kb / 2P
   DC TO DC CONVERTERS
TSD-100A-24 TECHNOLOGY-TSD-100A-24 Datasheet
268Kb / 2P
   DC TO DC CONVERTERS
TSD-100B-05 TECHNOLOGY-TSD-100B-05 Datasheet
268Kb / 2P
   DC TO DC CONVERTERS
More results

Similar Description - TSD-1000H-28

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
XTDRSP-1500-12 TAB-XTDRSP-1500-12 Datasheet
186Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
logo
Murata Power Solutions ...
HPR100WC MURATA-PS-HPR100WC Datasheet
148Kb / 4P
   0.75 Watt Single Output DC/DC Converter
HPR117VC MURATA-PS-HPR117VC Datasheet
165Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
Volgen Kaga Electronics...
FEC30-24S1P8 VOLGEN-FEC30-24S1P8 Datasheet
641Kb / 2P
   30 WATT DC/DC CONVERTER SINGLE OUTPUT
logo
C&D Technologies
HPR1XX-1 CANDD-HPR1XX-1 Datasheet
89Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
Wall Industries,Inc.
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
logo
TECHNOLOGY ASSISTANCE B...
TDDC-1500-12 TAB-TDDC-1500-12 Datasheet
320Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
RB-XS MICRODC-RB-XS Datasheet
401Kb / 2P
   0.5 Watt SIP4 Single Output DC/DC-Converter
logo
C&D Technologies
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com