Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD-1000L-24 Datasheet(PDF) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # TSD-1000L-24
Description  1000 WATT SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

TSD-1000L-24 Datasheet(HTML) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  TSD-1000L-24 Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. TSD-1000L-24 Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11.61” x 5” x 1.61”
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
STANDARD FEATURES
Design Excellence since 1976!
SPECIFICATIONS
TSD-1000 SERIES
1000 WATT SINGLE OUTPUT
DC-DC CONVERTER
INPUT SPECIFICATIONS:
ENVIRONMENTAL SPECIFICATIONS
Input: 19-72 VDC/ 72-144 VDC Depending On Model
Rise Time: 500 ms, 50 ms At Full Load
DC Current: 23.5 A/ 48 VDC 11.6A/96 VDC
Effiency: 89-92% Typical (Depending On Output Model)
Hold-Up Time: 16 ms At Full Load (Minimum)
Operating Temperature: -20°C to +50°C. Derate to 50% at +70°C
Storage Temperature: -40°C to +85°C max. 95% Relative Humidity
Cooling: Internal Ball Bearing DC Fan
Humidity: 20-90% RH Non Condensing
Vibration: 10-500Hz, 2G 10 min./1 Cycle for 60 min. (3 axes)
Shock: 20G Peak Acceleration
Weight: Approx. 4 lbs.
Size: 11.61” x 5” x 1.61”
The TSD -1000 series of DC-DC converter
provides highly regulated output power to 1000
watts. Rugged construction and superior quality
make this DC-DC Converter ideal for harsh
environment application. Available in standard,
modified or fully custom configuration, for
Industrial, Commercial, COTS, Ruggedized
OUTPUT SPECIFICATIONS
Output Adjustment Range: -5% To +25%
Minimum Load: none
Regulation: Line ± 0.5% Load ± 0.5%
Ripple/Noise: 150mV peak to peak maximum (20 MHz)
Overcurrent Protection: 105-125% automatic recovery Constant Current
Overvoltage Protection: 115-140% of V1 nominal
Overtemperature Protection: Heatsink Temp. 85°C ± 5°C Auto Recovery
AVAILABLE OPTIONS
APPLICATIONS
Hot Swap
Parallel Operation
ORing Diode for Redundant Operation
Rack/Panel Mount
Ruggedized For Shock & Vibration
Conformal Coating
Low Profile 1U
High Power Density
2000 VAC I/O Isolation
Remote ON/OFF Control
Forced Air Cooling, Internal Fan
12V, 25A Aux Output
OV, OL, OT Protection
SAFETY AND EMISSIONS
IEC 60950-1
EN 55022 (CISPR22) Compliance
EN 61000-4-2, 61000-4-3, 61000-4-4
61000-4-6, 61000-4-8 ENV 50204
Light Industrial Level, Criteria A
CB CE
Remote Sense
and Military application.
AS 9100
CertificateNo:US008267-1


Similar Part No. - TSD-1000L-24

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
TSD-1003 PMI-TSD-1003 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
logo
Technology Dynamics Inc...
TSD-100A-05 TECHNOLOGY-TSD-100A-05 Datasheet
268Kb / 2P
   DC TO DC CONVERTERS
TSD-100A-12 TECHNOLOGY-TSD-100A-12 Datasheet
268Kb / 2P
   DC TO DC CONVERTERS
TSD-100A-24 TECHNOLOGY-TSD-100A-24 Datasheet
268Kb / 2P
   DC TO DC CONVERTERS
TSD-100B-05 TECHNOLOGY-TSD-100B-05 Datasheet
268Kb / 2P
   DC TO DC CONVERTERS
More results

Similar Description - TSD-1000L-24

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
XTDRSP-1500-12 TAB-XTDRSP-1500-12 Datasheet
186Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
logo
Murata Power Solutions ...
HPR100WC MURATA-PS-HPR100WC Datasheet
148Kb / 4P
   0.75 Watt Single Output DC/DC Converter
HPR117VC MURATA-PS-HPR117VC Datasheet
165Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
Volgen Kaga Electronics...
FEC30-24S1P8 VOLGEN-FEC30-24S1P8 Datasheet
641Kb / 2P
   30 WATT DC/DC CONVERTER SINGLE OUTPUT
logo
C&D Technologies
HPR1XX-1 CANDD-HPR1XX-1 Datasheet
89Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
Wall Industries,Inc.
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
logo
TECHNOLOGY ASSISTANCE B...
TDDC-1500-12 TAB-TDDC-1500-12 Datasheet
320Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
RB-XS MICRODC-RB-XS Datasheet
401Kb / 2P
   0.5 Watt SIP4 Single Output DC/DC-Converter
logo
C&D Technologies
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com