Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDEK-HV-3000-200 Datasheet(PDF) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # TDEK-HV-3000-200
Description  PROGRAMMABLE SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

TDEK-HV-3000-200 Datasheet(HTML) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  TDEK-HV-3000-200 Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. TDEK-HV-3000-200 Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL AC INPUT, RS232 CONTROL
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
Design Excellence since 1976!
SPECIFICATIONS
TDEK-HV-3000 SERIES
3000 WATT SINGLE OUTPUT
PROGRAMMABLE SWITCHING POWER SUPPLIES
11” x 6.7” x 2.5”
SAFETY AND EMISSIONS
Designed to meet UL/cUL60950-1; EN 60950-1
Designed to meet EN55022; EN61204-3; EN6
Designed to meet EN61000-3-2; EN61000-3-3
Designed to meet EN55024; EN61204-3
Designed to meet EN61000-6-1;
IEC 61000-4-2, 3, 4, 5, 6, 8, 11
AC INPUT, RS232 CONTROL
INPUT SPECIFICATIONS:
Input: AC Input Range 90-264VAC Single Phase
Note: 50% Load @ 90 VAC, 65% @ 115 VAC, 100% @ 180 - 264 VAC
Power Factor: 0.95 / 230VAC, 0.98 / 115VAC (Full Load)
Input Frequency: 47-63Hz
Inrush Current: 33A / 115VAC, 65 A / 230 VAC
Input Current: 20A / 115VAC, 15A / 230VAC
Efficiency: 88-93% typical (depending on output model)
Hold-up time: 14ms at full load (minimum)
Leakage Current: <1.0 mA maximum @ 240 VAC
OUTPUT SPECIFICATIONS
Adjustment Range: ± 5% (minimum)
Minimum Load: none
Regulation: Line ±1% Load ±1%
Ripple/Noise: 150 mV peak to peak maximum (20 MHz)
Overcurrent Protection: 105% of rated output power constant current limit.
Overlvoltage Protection: 120% Vout
Overtemperature Protection: Heatsink Temp 85°C ± 5°C Auto Recovery.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 20°C to + 50°C. (Full Output Power)
Storage Temperature: -40°C to + 85°C max
Cooling: Internal ball bearing DC fan
Humidity: 20-90% RH non condensing
Vibration: 10 - 500Hz, 2G 10 min / 1cycle for 60 min (3 axes)
Shock: 20 G Peak Acceleration
Weight: Approx.: 7.5 lbs
Size: 11” x 6.7” x 2.5”
AVAILABLE OPTIONS
STANDARD FEATURES
APPLICATIONS
The TDEK-HV-3000 Series of Programmable
Switching Power Supplies provides up to 3000
Watts of output power. Output Voltage and
Current are adjustable from 0 to 105% making this
Programmable Switching Power Supply ideal for
Flexible, Reliable, Power Systems in OEM,
Industrial and Laboratory applications. Available
in stand alone or Rack Mount versions. Easily
Customized or Modified to fit your exact needs.
Universal AC input / Full range (PFC)
Programmable output Voltage (0% ~ 105%)
Programmable output Current (0% ~ 105%)
Forced Current Sharing
Constant current limit
Selectable +5V / 0.5A or +9V / 0.3A aux. O/P
Global control via RS232
Power OK Signal
Remote ON/OFF, Remote Sense Function
Protection: OVP, OLP, OTP, SCP, Fan Failure
Parallel Operation
Redundant Operation
Rack / Panel Mount
Ruggedized for Shock & Vibration
400Hz Operation
Conformal Coating


Similar Part No. - TDEK-HV-3000-200

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
TDEK-3000-12 TAB-TDEK-3000-12 Datasheet
268Kb / 2P
   PROGRAMMABLE SWITCHING POWER SUPPLIES
TDEK-800-12 TAB-TDEK-800-12 Datasheet
250Kb / 2P
   PROGRAMMABLE SWITCHING POWER SUPPLIES
More results

Similar Description - TDEK-HV-3000-200

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
TDEK-800-12 TAB-TDEK-800-12 Datasheet
250Kb / 2P
   PROGRAMMABLE SWITCHING POWER SUPPLIES
TDEK-3000-12 TAB-TDEK-3000-12 Datasheet
268Kb / 2P
   PROGRAMMABLE SWITCHING POWER SUPPLIES
logo
TDK Electronics
GSPS500-120-3P208 TDK-GSPS500-120-3P208 Datasheet
171Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-20-LAN-U TDK-Z10-20-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-40-LAN-L-U TDK-Z10-40-LAN-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z20-10-LAN-U TDK-Z20-10-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z20-30-IS420-U TDK-Z20-30-IS420-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z36-12-IS510-U TDK-Z36-12-IS510-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z36-6-IS510-U TDK-Z36-6-IS510-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z36-6-LAN-L-U TDK-Z36-6-LAN-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 09, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com