Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCPDC-12-50 Datasheet(PDF) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # TCPDC-12-50
Description  DC TO DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

TCPDC-12-50 Datasheet(HTML) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  TCPDC-12-50 Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. TCPDC-12-50 Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+
RUGGED HIGH POWER
400-600 Watts - 2.6” x 5.0” x 11.5”
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
AVAILABLE OPTIONS
Design Excellence since 1976!
SPECIFICATIONS
TCPDC SERIES
SINGLE OUTPUT
DC TO DC CONVERTER
INPUT SPECIFICATIONS:
ENVIRONMENTAL SPECIFICATIONS
Input: 22-32 VDC (PREFIX P) 42-56VDC (PREFIX Q)
Efficiency: 85% Typical
DC Current: (22V/400W) 22A
(22V/600W) 32A
(42V/400W) 11A
(42V/600W) 17A
Inrush Current: 40A MAX ½ Cycle
Operating Temperature: -20°C to +50°C. Derate to 50% at +70°C
Storage Temperature: -40°C to +85°C max Relative Humidity
Cooling: External Ball Bearing DC Fan
Humidity: 20-90% RH Non Condensing
Vibration: 10-500Hz, 2G 10min/1Cycle for 60 min (3 axes)
Shock: 20G Peak Acceleration
Weight: 6.6 LBS
Size: 11.5” x 5” x 2.62”
The TCPDC family of power supplies was designed
to satisfy a market for low cost, high reliability
applications. The TCPDC is especially suitable
for critical systems in remote locations, severe
environment, redundant (N+1) or battery
back-up uninterruptable operation.
This versatile design is loaded with options, making
it particularly suitable to custom applications.
OUTPUT SPECIFICATIONS
Voltage Adjustment: ± 5%
Line Regulation: ± .3%
Load Regulation: ± 2%
Hold Up Time: 20 mS Min.
Set Point Accuracy: ±1%(except 5V=±2%) (maximum)
Protections: Overcurrent, Overlvoltage, Overtemperature
STANDARD FEATURES
APPLICATIONS
Compact, Light Weight
Tightly Regulated Output
OV/OL/OT Protected
±5% Output Adjustment
LED Indicator (Each Module):Output Power Good
Input via D-Sub Connector
Redundant Operation (N+1)
Ruggedized For Severe Environment
SAFETY AND EMISSIONS
Meets FFC DOC. 20780 LEV. A
Meets VDE 0871/6.78 LEV. A
Designed to meet UL1950, CSA 22.2
Remote Inhibit
MTBF > 150,000 Hours
Internal Fan
“Rugged” Construction
Hot Pluggable in a 3.5” High Rack
Low Voltage Battery Disconnect.
(LVBD) for Battery Back-Up Opperation
Conformal Coating (High Humidity)
AS 9100
CertificateNo:US008267-1


Similar Part No. - TCPDC-12-50

ManufacturerPart #DatasheetDescription
logo
Technology Dynamics Inc...
TCPDC-12-50 TECHNOLOGY-TCPDC-12-50 Datasheet
266Kb / 2P
   DC TO DC CONVERTER
More results

Similar Description - TCPDC-12-50

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
   DC TO DC CONVERTER
XTCPDC-RK-12-34 TAB-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
   DC TO DC CONVERTER
logo
Technology Dynamics Inc...
TCPDC-5-60 TECHNOLOGY-TCPDC-5-60 Datasheet
266Kb / 2P
   DC TO DC CONVERTER
XTCPDC-RK-12-34 TECHNOLOGY-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
   DC TO DC CONVERTER
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
NXP Semiconductors
PIP201-12M-3 PHILIPS-PIP201-12M-3 Datasheet
345Kb / 20P
   DC-to-DC converter powertrain
Rev. 03-19 November 2003
PIP212-12M PHILIPS-PIP212-12M Datasheet
135Kb / 21P
   DC-to-DC converter powertrain
Rev. 02-2 March 2005
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com