Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRF85N08K Datasheet(PDF) 6 Page - SemiHow Co.,Ltd.

Part # HRF85N08K
Description  100% Avalanche Tested
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRF85N08K Datasheet(HTML) 6 Page - SemiHow Co.,Ltd.

  HRF85N08K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRF85N08K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRF85N08K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRF85N08K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRF85N08K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRF85N08K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRF85N08K Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
V
GS
• dv/dt controlled by R
G
•I
S controlled by pulse period
V
DD
L
I
S
10V
V
GS
( Driver )
I
S
( DUT )
V
DS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
V
f
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Similar Part No. - HRF85N08K

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HRF EATON-HRF Datasheet
742Kb / 1P
   1/4" x various length and SFE in-line fuse holder
HRF EATON-HRF Datasheet
271Kb / 1P
   Automotive fast-acting glass fuse
logo
HOKURIKU ELECTRIC INDUS...
HRF-400A0-001A HOKURIKU-HRF-400A0-001A Datasheet
62Kb / 2P
   Low Power RF Transceiver Module
HRF-400A0-001F HOKURIKU-HRF-400A0-001F Datasheet
62Kb / 2P
   Low Power RF Transceiver Module
HRF-400A0-001G HOKURIKU-HRF-400A0-001G Datasheet
62Kb / 2P
   Low Power RF Transceiver Module
More results

Similar Description - HRF85N08K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRF130N06K SEMIHOW-HRF130N06K Datasheet
872Kb / 7P
   100% Avalanche Tested
HRLF80N06K SEMIHOW-HRLF80N06K Datasheet
190Kb / 7P
   100% Avalanche Tested
logo
Microsemi Corporation
APT30M70BVRG MICROSEMI-APT30M70BVRG Datasheet
63Kb / 4P
   100% Avalanche Tested
logo
STMicroelectronics
STD9HN65M2 STMICROELECTRONICS-STD9HN65M2 Datasheet
505Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF150N10K SEMIHOW-HRLF150N10K Datasheet
233Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD7LN80K5 STMICROELECTRONICS-STD7LN80K5 Datasheet
824Kb / 16P
   100% avalanche tested
STD13N65M2 STMICROELECTRONICS-STD13N65M2 Datasheet
556Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF55N03K SEMIHOW-HRLF55N03K Datasheet
238Kb / 7P
   100% Avalanche Tested
HRLF180N10K SEMIHOW-HRLF180N10K Datasheet
223Kb / 7P
   100% Avalanche Tested
HRLFS90N03K SEMIHOW-HRLFS90N03K Datasheet
232Kb / 7P
   100% Avalanche Tested
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com