Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS35 Datasheet(PDF) 2 Page - Olitech Electronics Co.Ltd

Part # BAS35
Description  Silicon Epitaxial Planar Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

BAS35 Datasheet(HTML) 2 Page - Olitech Electronics Co.Ltd

  BAS35 Datasheet HTML 1Page - Olitech Electronics Co.Ltd BAS35 Datasheet HTML 2Page - Olitech Electronics Co.Ltd BAS35 Datasheet HTML 3Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics at Ta = 25℃
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
at IF = 150 mA
VF
VF
VF
VF
715
855
1
1.25
mV
mV
V
V
Reverse Current
at VR = 25 V
at VR = 75 V
at VR = 25 V, TJ = 150℃
at VR = 75 V, TJ = 150℃
IR
IR
IR
IR
30
1
30
50
nA
µA
µA
µA
Diode Capacitance
at VR = 0 , f = 1 MHz
Cd
2
pF
Reverse Recovery Time
at IF = IR = 10 mA, RL = 100Ω
trr
4
ns
Page 2 of 3


Similar Part No. - BAS35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS35 PHILIPS-BAS35 Datasheet
90Kb / 12P
   General purpose controlled avalanche double diodes
1999 May 21
logo
SHIKUES Electronics
BAS35 SKTECHNOLGY-BAS35 Datasheet
412Kb / 3P
   Silicon Epitaxial Planar Switching Diodes
logo
Jinan Gude Electronic D...
BAS35 JGD-BAS35 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
BAS35 DIOTEC-BAS35 Datasheet
624Kb / 3P
   SMD Small Signal Diodes SMD Kleinsignal-Dioden
Version 2023-03-20
logo
Fairchild Semiconductor
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
   Small Signal Diode
More results

Similar Description - BAS35

ManufacturerPart #DatasheetDescription
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com