Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3PCIE2215 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3PCIE2215
Description  3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE2215 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3PCIE2215 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3PCIE2215 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PI3PCIE2215
3.3V, PCI Express®, 1-Lane,
2:1 Mux/DeMux Switch
PS9069
08/03/09
Differential Off Isolation
Differential Crosstalk
09-0033


Similar Part No. - PI3PCIE2215

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
   3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI3PCIE2415ZHE PERICOM-PI3PCIE2415ZHE Datasheet
916Kb / 9P
   3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI3PCIE2612-A PERICOM-PI3PCIE2612-A Datasheet
777Kb / 18P
   High Bandwidth, 6-Differential Channel 1:2 DP/PCIe Gen2 Display Mux, ATX Pinout
PI3PCIE2612-AZFE PERICOM-PI3PCIE2612-AZFE Datasheet
777Kb / 18P
   High Bandwidth, 6-Differential Channel 1:2 DP/PCIe Gen2 Display Mux, ATX Pinout
PI3PCIE2612-AZFE PERICOM-PI3PCIE2612-AZFE Datasheet
871Kb / 18P
   High Bandwidth, 6-Differential Channel 1:2 DP/PCIe Gen2 Display Mux, ATX Pinout
More results

Similar Description - PI3PCIE2215

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
   3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
   PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI3PCIE3212 PERICOM-PI3PCIE3212 Datasheet
1Mb / 11P
   3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
   PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
   3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
   3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
logo
Pericom Semiconductor C...
PI3PCIE3422 PERICOM-PI3PCIE3422 Datasheet
791Kb / 9P
   3.3V, PCI Express 3.0 2-Lane, (4-Channel), Differential Mux/Demux with Bypass
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
   4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com