Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN21B-95SC-2W Datasheet(PDF) 3 Page - Hirose Electric

Part # PCN21B-95SC-2W
Description  2mm Hard Metric Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN21B-95SC-2W Datasheet(HTML) 3 Page - Hirose Electric

  PCN21B-95SC-2W Datasheet HTML 1Page - Hirose Electric PCN21B-95SC-2W Datasheet HTML 2Page - Hirose Electric PCN21B-95SC-2W Datasheet HTML 3Page - Hirose Electric PCN21B-95SC-2W Datasheet HTML 4Page - Hirose Electric PCN21B-95SC-2W Datasheet HTML 5Page - Hirose Electric PCN21B-95SC-2W Datasheet HTML 6Page - Hirose Electric PCN21B-95SC-2W Datasheet HTML 7Page - Hirose Electric PCN21B-95SC-2W Datasheet HTML 8Page - Hirose Electric PCN21B-95SC-2W Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Series name: PCN21
B
Product construction
Bottom ground plate for receptacle
sOrdering information
3
3.7
13
14.5
16
5.3
6.8
8.3
Row f: Top ground plate
Row z: Bottom ground plate
PKG
BWB
PCN21*-S*-G
Row
f
e
d
c
b
a
z
Row a b c d e f
A ground plate is joined with the f row.
Connector
Positioning peg (Applicable to receptacle styles A and C only)
Nil : With peg
A
: Without peg
2
3
7
9
PCN 2 1 * - * P A * - 2 PF - G (01)
1
4
6
7
2
3
5
8
10
9
8
Series name
: PCN 21
A···PCB leads
: Gold plating
B···PCB leads
: Tin plating
No. of contacts : 55, 95, 110, 125
1
Terminal shape
PF : Press-fit short pin
W
: Press-fit back plane
Ground
Nil : Without ground terminal
G
: With ground terminal
Contact area gold plating thickness
Nil : 0.8 µm
(01) : 0.2 µm
Contact pitch: 2 mm
6
Connector classification
P: Pin header
S: Receptacle
IEC type
A : IEC 61076-4-101 Style A
B : IEC 61076-4-101 Style B
C : IEC 61076-4-101 Style C
M : IEC 61076-4-101 Style M
AB : Compact PCI AB type equivalent
For Compact PCI P2/J2, P3/J3 equivalent,
the IEC type should be style B.
PCN 2 1 * - S A - G
1
4
2
3
5
A···PCB leads : Gold plating
B···PCB leads : Tin plating
Connector classification: for receptacle use
1
Applicable connectors
A : for PCN21*-110SA-2PF-G
B : for PCN21*-125SB-2PF-G
C : for PCN21*-55SC-2PF-G
B1: for PCN21*-110SB-2PF-G
B2: for PCN21*-095SB-2PF-G
Ground
2
3
5
qHeader
qReceptacle
Rows f and z are ground terminals.
PCN21*-*P*-2PF (W) has no ground terminal
PCN21*-*P*-2PF (W)-G has ground terminal
PCN21*-*S*-2PF has no top ground plate
PCN21*-*S*-2PF-G has top ground plate
PCN21*-S*-G has bottom ground plate only
10
3
4
5
4
)
(


Similar Part No. - PCN21B-95SC-2W

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCN2-S CUI-PCN2-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S CUI-PCN2-S Datasheet
3Mb / 10P
   DC-DC CONVERTER
07/09/2021
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
3Mb / 10P
   DC-DC CONVERTER
07/09/2021
More results

Similar Description - PCN21B-95SC-2W

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PO21M-6P-SA HIROSE-PO21M-6P-SA Datasheet
707Kb / 10P
   2mm Hard Metric Coaxial Connector
logo
FCI connector
HM2DK1457PLF FCI-CONNECTOR-HM2DK1457PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
logo
Tyco Electronics
5188578-1 MACOM-5188578-1 Datasheet
84Kb / 1P
   2mm Hard Metric PCB Mount Connectors
logo
FCI connector
HM2DK1567PLF FCI-CONNECTOR-HM2DK1567PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
HM2R01PA5100L9LF FCI-CONNECTOR-HM2R01PA5100L9LF Datasheet
226Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES - RIGHT ANGLE RECEPTACLE CONNECTORS
HM2A30PG5000LF FCI-CONNECTOR-HM2A30PG5000LF Datasheet
1Mb / 7P
   Millipacs (2 mm Hard-Metric) Signal Connector ??IEC specifications
HM2J07PE5110N9LF FCI-CONNECTOR-HM2J07PE5110N9LF Datasheet
734Kb / 10P
   MILLIPACS 2MM HARD METRICS SERIES - RIGHT ANGLE HEADER CONNECTORS
logo
Adam Technologies, Inc.
2PCI-A-M-154-A-0 ADAM-TECH-2PCI-A-M-154-A-0 Datasheet
96Kb / 1P
   HEAD METRIC CONNECTOR
2PCI-A-M-110-B-0 ADAM-TECH-2PCI-A-M-110-B-0 Datasheet
98Kb / 1P
   HEAD METRIC CONNECTOR
2PCI-AB25-M-110-NP-B ADAM-TECH-2PCI-AB25-M-110-NP-B Datasheet
88Kb / 1P
   HEAD METRIC CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com