Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3EQX6741STZDE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3EQX6741STZDE
Description  3.3V, 1-port, SATA Gen 3i ReDriver with Adjustable Equalization/Pre-Emphasis
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3EQX6741STZDE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3EQX6741STZDE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3EQX6741STZDE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3EQX6741STZDE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3EQX6741STZDE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3EQX6741STZDE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3EQX6741STZDE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3EQX6741STZDE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3EQX6741STZDE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3EQX6741STZDE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
All trademarks are property of their respective owners.
www.pericom.com
03/11/16
PI3EQX6741ST
3.3V, 1-Port, SATA3i ReDriver™
Storage Temperature................................................–65°C to +150°C
Supply Voltage to Ground Potential........................–0.5V to +4.6V
DC SIG Voltage .................................................–0.5V to VDD +0.5V
Output Current ..................................................... -25mA to +25mA
Power Dissipation Continuous ............................................. 500mW
Operating Temperature ............................................ -40°C to +85°C
ESD, Human Body Model ..............................................-8kV to 8kV
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
AC/DC Electrical Characteristics
Symbol
Parameter
Conditions
Min. Typ.(1) Max. Units
VDD
Power Supply Voltage
3.0
3.6
V
PSTANDBY
Supply Power, Standby
EN = 0
0.07
0.7
mW
PUNPLUG
Supply Power, HDD unplugged
No HDD attached, TDet_EN = High
3.6
11
PSLUMBER
Supply Power, Slumber
TDet_EN = Low
36
50
PACTIVE
Supply Power, Active
EN = 1 A/B_EM=0
DIFFP-P ≥ VTH-SD
254
317
IDD-STANDBY
Supply Current Standby
EN = 0
0.02
0.2
mA
IDD-UNPLUG
Supply Current, HDD unplugged No HDD attached, TDet_EN = High
1
3
IDD-SLUMBER
Supply Current Slumber
TDet_EN = Low
11
14
IDD-ACTIVE
Supply Current Active
EN = 1, input = 600mVppd,
A/B_EM=0
77
88
tPD
Latency
From input to output
0.7
ns
CML Receiver Input
ZRX-DC
DC Input Impedance
40
50
60
Ohm
ZRX-DIFF-DC
DC Differential Input
Impedance
80
100
120
VRX-DIFFp-p
Differential Input Peak-to-peak
Voltage
0.2
1.2
V
VRX-CM-ACP
AC Peak Common Mode Input
Voltage
150
mV
VTH-SD
Signal detect Threshold
EN = 1
50
200(2)
mVppd
Note:
1. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
2. Using Compliance test at 1.5Gbps, 3Gbps and 6Gbps. Also using OOB (OOB is formed by ALIGNp primitive or D24.3) test patterns at 1.5Gbps.
The ALIGN primitive (K28.5+D10.2+D27.3 = 0011111010+0101010101+0010011100). The D24.3 = 00110011001100110011.
16-0050


Similar Part No. - PI3EQX6741STZDE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3EQX6741STZDE DIODES-PI3EQX6741STZDE Datasheet
1,021Kb / 10P
   3.3V, 1-port, SATA Gen 3i ReDriver??with Adjustable Equalization/Pre-Emphasis
01/04/17
PI3EQX6741STZDEX DIODES-PI3EQX6741STZDEX Datasheet
1,021Kb / 10P
   3.3V, 1-port, SATA Gen 3i ReDriver??with Adjustable Equalization/Pre-Emphasis
01/04/17
More results

Similar Description - PI3EQX6741STZDE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3EQX6741ST DIODES-PI3EQX6741ST Datasheet
1,021Kb / 10P
   3.3V, 1-port, SATA Gen 3i ReDriver??with Adjustable Equalization/Pre-Emphasis
01/04/17
logo
Pericom Semiconductor C...
PI3EQX6801 PERICOM-PI3EQX6801 Datasheet
375Kb / 1P
   6.5Gbps, 1-port, 1.5V/3.3V SATA/SAS ReDriver
PI2EQX3201BL PERICOM-PI2EQX3201BL Datasheet
585Kb / 5P
   3.0Gbps 2 Differential Channel SATA i/m ReDriver with Equalization, De-emphasis and OOB
PI2EQX5804CNJE PERICOM-PI2EQX5804CNJE Datasheet
974Kb / 23P
   5.0Gbps 4-Lane PCIe짰 2.0 ReDriver??with Equalization & Emphasis
PI3EQX1002B PERICOM-PI3EQX1002B Datasheet
791Kb / 1P
   1-Port USB3.1 GEN-2 ReDriver
logo
Diodes Incorporated
PI3EQX1002B1 DIODES-PI3EQX1002B1 Datasheet
1Mb / 12P
   1-Port USB3.1 Gen-2 ReDriver
December 2019
logo
Maxim Integrated Produc...
MAX4986 MAXIM-MAX4986 Datasheet
1Mb / 14P
   SAS/SATA Single Lane 2:1/1:2 Multiplexer/Demultiplexer Plus Redriver with Equalization
Rev 1; 7/12
logo
Pericom Semiconductor C...
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
logo
Texas Instruments
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR204 NSC-DS25BR204 Datasheet
362Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com