Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3A288 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3A288
Description  Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A288 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3A288 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A288 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-10-0009
PT0541-4
11/03/15
2
PI3A288
Ultra-Low-THD Dual-SPDT (0.35Ω) Analog Switch
with Negative Signal Handling Capability
Maximum Ratings
Storage Temperature………………………………….. -65℃ to +150℃
Ambient Temperature with Power Applied......................-40℃ to +85℃
Supply Voltage VDD……………………………………..-0.5Vto +4.6V
Control Input Voltage VINx………………………………-0.5Vto +4.6V
DC Input Voltage VINPUT……………... VDD – 6.0V and -3.1V to +3.1V
Continuous Current NO_NC_COM_………………..…………±350mA
Peak Current NO_NC_COM_
(pulsed at 1ms 50% duty cycle) ……………………….….. ±400mA
Peak Current NO_NC_COM_
(pulsed at 1ms 10% duty cycle) ………………….……….. ±500mA
ESD HBM mode………………………………………………… 4kV
CDM mode…………………………………………………
1kV
Note:
Stresses greater than those listed under
MAXIMUM
RATINGS
may
cause
permanent damage to the device. This is a
stress rating only and functional operation of
the device at these or any other conditions
above those indicated in the operational
sections of this specification is not implied.
Exposure
to
absolute
maximum
rating
conditions for extended periods may affect
reliability.
Control input must be held HIGH or LOW; it
must not float.
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
-
1.65
-
4.3
V
VIN
Control Input Voltage
-
0
-
4.3
V
VINPUT
Switch Input Voltage
VDD =< 2.3V
2.0
VRMS
VDD > 2.3V
1.8
TA
Operating Temperature
-
-40
25
85
°C


Similar Part No. - PI3A288

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A212 PERICOM-PI3A212 Datasheet
609Kb / 8P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
PI3A212SZLE PERICOM-PI3A212SZLE Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
PI3A212ZLEX PERICOM-PI3A212ZLEX Datasheet
609Kb / 8P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A223 PERICOM-PI3A223 Datasheet
313Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
More results

Similar Description - PI3A288

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
logo
Vishay Siliconix
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
   Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
logo
Intersil Corporation
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750_V01 Datasheet
165Kb / 9P
   0.45 ?? Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
08-Feb-17
logo
Fairchild Semiconductor
FSA2269 FAIRCHILD-FSA2269 Datasheet
97Kb / 2P
   Low-Voltage Dual-SPDT (0.4ohm) Analog Switch with Negative Swing Audio Capability
logo
STMicroelectronics
STG5678 STMICROELECTRONICS-STG5678 Datasheet
588Kb / 23P
   Low voltage dual SPDT switch with negative rail capability
June 2010 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com