Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS-TC-1194 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TSS-TC-1194
Description  RATING:DC 12V 50mA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSS-TC-1194 Datasheet(HTML) 1 Page - Suntan Capacitors

  TSS-TC-1194 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TACT SWITCH
Suntan®
TSS-TC-1194
SPECIFICATIONS
1.
RATING:DC 12V 50mA
2.
TRAVEL:0.25±0.1mm
3.
CONTACT RESISTANCE 100mΩ MAX
4.
LIFE: normal 50,000~100,000 times
(over 100,000 times on request)
CODE OPERATING FORCE(gf)
X
160±50
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TSS-TC-1194

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSS-TC-1193 SUNTAN-TSS-TC-1193 Datasheet
103Kb / 1P
   RATING:DC 12V 50mA
More results

Similar Description - TSS-TC-1194

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSS-TC-0102 SUNTAN-TSS-TC-0102 Datasheet
126Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-2401 SUNTAN-TSS-TC-2401 Datasheet
142Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-0302 SUNTAN-TSS-TC-0302 Datasheet
77Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-12XA SUNTAN-TSS-TC-12XA Datasheet
108Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-0010 SUNTAN-TSS-TC-0010 Datasheet
145Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-0112 SUNTAN-TSS-TC-0112 Datasheet
109Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-0402 SUNTAN-TSS-TC-0402 Datasheet
132Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-1102 SUNTAN-TSS-TC-1102 Datasheet
115Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-1193 SUNTAN-TSS-TC-1193 Datasheet
103Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-12XT SUNTAN-TSS-TC-12XT Datasheet
73Kb / 1P
   RATING:DC 12V 50mA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com