Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC16471CIWM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16471CIWM
Description  16-Bit Delta-Sigma 192 ks/s Analog-to-Digital Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16471CIWM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC16471CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC16471CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC16471CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC16471CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC16471CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC16471CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC16471CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC16471CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC16471CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VAa VDa and VMa)
a
65V
Logic Control Inputs
b
03V to VDa a 03V
Voltage at Other
Inputs and Outputs
b
03V to VAa e VMa a 03V
Input Current at Any Pin (Note 3)
g
25 mA
Package Input Current (Note 3)
g
100 mA
Maximum Junction Temperature (Note 4)
150 C
Storage Temperature
b
65 Cto a150 C
Lead Temperature
N Package (Soldering 10 sec)
300 C
WM Package (Infrared 15 sec)
220 C
WM Package (Vapor Phase 60 sec)
215 C
ESD Susceptibility (Note 5)
Human Body Model
4000V
Machine Model
250V
See AN-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ for other methods of soldering sur-
face mount devices
Operating Ratings (Notes 1 and 2)
Temperature Range
(Tmin s TA s Tmax)
ADC16471CIN ADC16071CIN
b
40 C s TA s a85 C
ADC16471CIWM ADC16071CIWM
Supply Voltage
VAa VDa VMa
475V to 525V
Converter Electrical Characteristics
The following specifications apply for VMa e VAa e VDa e 50VDC VMID e VAa 2 e 250V VREFa e VMID a 125V
VREFb e VMID b 125V fCLK e 24576 MHz and dynamic tests are performed with an input signal magnitude set at b6dB
with respect to a full-scale input unless otherwise specified Boldface limits apply for TA e TJ e Tmin to Tmax all other
limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
Resolution
16
Bits
fCLK e 24576 MHz (fs e 192 kHz)
S(NaD)
Signal-to-Noise a Distortion Ratio
Measurement bandwidth e 045fs
76
72
dB (min)
fIN e 19 kHz
THD
Total Harmonic Distortion
fIN e 19 kHz
0010
0022
% (max)
IMD
Intermodulation Distortion
f1 e 185 kHz f2 e 195 kHz
0010
0017
% (max)
Converter Noise Floor (Note 8)
Measurement Bandwidth e 045fs
b
88
b
77
dBFS (min)
fCLK e 6144 MHz (fs e 48 kHz)
S(NaD)
Signal-to-Noise a Distortion Ratio
Measurement bandwidth e 045fs
85
80
dB (min)
fIN e 5 kHz
73
dB (min)
THD
Total Harmonic Distortion
fIN e 5 kHz
0002
00055
% (max)
0008
% (max)
IMD
Intermodulation Distortion
f1 e 4 kHz f2 e 55 kHz
0003
0009
% (max)
001
% (max)
Converter Noise Floor (Note 8)
Measurement Bandwidth e 045fs
b
99
b
92
dBFS (min)
b
89
dBFS (min)
OTHER CONVERTER CHARACTERISTICS
ZIN
Input Impedance (Note 9)
34
kX
D
AV
Gain Error
g
02
g
10
%FS (max)
VOS
Input Offset Voltage
15
mV
IA
Analog Power Supply Current
23
31
mA (max)
IM
Modulator Power Supply Current
fCLK e 24576 MHz
16
24
mA (max)
fCLK e 6144 MHz
04
08
ID
Digital Power Supply Current
fCLK e 24576 MHz
50
65
mA (max)
fCLK e 6144 MHz
13
23
ISPD
Power-Down Supply Current
IA a ID a IM
025
13
mA
PD
Power Dissipation
0375
05
W
VMID
VAa 2
V
3


Similar Part No. - ADC16471CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16061 NSC-ADC16061 Datasheet
472Kb / 20P
   Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC16061 NSC-ADC16061 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061CCVT NSC-ADC16061CCVT Datasheet
472Kb / 20P
   Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC16061CCVT NSC-ADC16061CCVT Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061EVAL NSC-ADC16061EVAL Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
More results

Similar Description - ADC16471CIWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
[Old version datasheet]   24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com